Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L74VHC1GU04 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # L74VHC1GU04
Description  advanced high speed CMOS Unbuffered inverter fabricated with silicon gate CMOS technology
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L74VHC1GU04 Datasheet(HTML) 2 Page - Leshan Radio Company

  L74VHC1GU04 Datasheet HTML 1Page - Leshan Radio Company L74VHC1GU04 Datasheet HTML 2Page - Leshan Radio Company L74VHC1GU04 Datasheet HTML 3Page - Leshan Radio Company L74VHC1GU04 Datasheet HTML 4Page - Leshan Radio Company L74VHC1GU04 Datasheet HTML 5Page - Leshan Radio Company L74VHC1GU04 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
L74VHC1GU04
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
V CC
DC Supply Voltage
2.0
5.5
V
V IN
DC Input Voltage
0.0
5.5
V
V OUT
DC Output Voltage
0.0
V CC
V
T A
Operating Temperature Range
– 55
+ 125
°C
t r ,t f
Input Rise and Fall Time
V
CC = 3.3 ± 0.3 V
0
No Limit
ns/V
V
CC = 5.0 ± 0.5 V
0
No Limit
DEVICE JUNCTION TEMPERATURE VERSUS
TIME TO 0.1% BOND FAILURES
Junction
Time,
Time,
Temperature °C
Hours
Years
80
1,032,200
117.8
90
419,300
47.9
100
178,700
20.4
110
79,600
9.4
120
37,000
4.2
130
17,800
2.0
140
8,900
1.0
Figure 3. Failure Rate vs. Time Junction Temperature
1
1
10
100
1000
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
V CC
DC Supply Voltage
– 0.5 to + 7.0
V
V IN
DC Input Voltage
– 0.5 to +7.0
V
V OUT
DC Output Voltage
V CC=0
– 0.5 to +7.0
V
High or Low State
–0.5 to V cc + 0.5
I IK
Input Diode Current
–20
mA
I OK
Output Diode Current
V
OUT < GND; V OUT > V CC
+20
mA
I OUT
DC Output Current, per Pin
+ 25
mA
I CC
DC Supply Current, V CC and GND
+50
mA
P D
Power dissipation in still air
SC–88A, TSOP–5
200
mW
θ
JA
Thermal resistance
SC–88A, TSOP–5
333
°C/W
T L
Lead Temperature, 1 mm from Case for 10 s
260
°C
T J
Junction Temperature Under Bias
+ 150
°C
T stg
Storage temperature
–65 to +150
°C
V ESD
ESD Withstand Voltage
Human Body Model (Note 2)
>2000
V
Machine Model (Note 3)
> 200
Charged Device Model (Note 4)
N/A
I LATCH–UP
Latch–Up Performance
Above V CC and Below GND at 125°C (Note 5)
± 500
mA
1. Maximum Ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions
beyond those indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is
not implied. Functional operation should be restricted to the Recommended Operating Conditions.
2. Tested to EIA/JESD22–A114–A
3. Tested to EIA/JESD22–A115–A
4. Tested to JESD22–C101–A
5. Tested to EIA/JESD78
TIME, YEARS
2/6


Similar Part No. - L74VHC1GU04

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1G00 LRC-L74VHC1G00 Datasheet
183Kb / 6P
   2?밒nput NAND Gate
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
L74VHC1G02 LRC-L74VHC1G02 Datasheet
182Kb / 6P
   2-Input NOR Gate
L74VHC1G03 LRC-L74VHC1G03 Datasheet
207Kb / 6P
   2-Input NAND Gate with Open Drain Output
L74VHC1G04 LRC-L74VHC1G04 Datasheet
180Kb / 6P
   Inverter
More results

Similar Description - L74VHC1GU04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G04 ONSEMI-MC74HC1G04 Datasheet
61Kb / 6P
   High speed CMOS inverter fabricated with silicon gate CMOS technology
January, 2005 ??Rev. 8
logo
Toshiba Semiconductor
TC7MET138AFK TOSHIBA-TC7MET138AFK Datasheet
123Kb / 6P
   Advanced High Speed CMOS 3-to-8 line Decoder Fabricated with Silicon Gate CMOS Technology
logo
ON Semiconductor
NLVASB3157 ONSEMI-NLVASB3157 Datasheet
139Kb / 10P
   The NLASB3157 is an advanced CMOS analog switch fabricated with silicon gate CMOS technology
August, 2013 ??Rev. 13
logo
Integral Corp.
IN74HCU04 INTEGRAL-IN74HCU04 Datasheet
60Kb / 6P
   Hex Unbuffered Inverter High-Performance Silicon-Gate CMOS
logo
Hitachi Semiconductor
HD74HCT1G04 HITACHI-HD74HCT1G04 Datasheet
40Kb / 8P
   High speed CMOS inverter using silicon gate CMOS process
logo
KODENSHI_AUK CORP.
KK74AC04 KODENSHI-KK74AC04 Datasheet
218Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC04 INTEGRAL-IN74AC04 Datasheet
97Kb / 4P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT04 KODENSHI-KK74ACT04 Datasheet
216Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
KK74ACT14 KODENSHI-KK74ACT14 Datasheet
489Kb / 5P
   Hex Schmitt-Trigger Inverter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC14 INTEGRAL-IN74AC14 Datasheet
83Kb / 4P
   Hex Schmitt-Trigger Inverter High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com