Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR75-12 Datasheet(PDF) 1 Page - B. B. Battery Co., Ltd.

Part # HR75-12
Description  VRLA Rechargeable Battery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BB-BATTERY [B. B. Battery Co., Ltd.]
Direct Link  http://www.bb-battery.com
Logo BB-BATTERY - B. B. Battery Co., Ltd.

HR75-12 Datasheet(HTML) 1 Page - B. B. Battery Co., Ltd.

  HR75-12 Datasheet HTML 1Page - B. B. Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Nominal Voltage
Nominal Capacity
73Ah @ 10 hour rate F.V.(1.75V/cell)
Terminals
4m
21.9 A
oo
o
o
Charge
0 C~40 C(32 F~104 F)
oo
o
o
Discharge
-20 C~50 C(-4 F~122 F)
oo
o
o
Storage.
-20 C~40 C(-4 F~104 F)
Internal Resistance
Length
350±2.0
Width
166±2.0
Container Height
174±2.0
Total Height
OUTER DIMENSIONS
TERMINAL TYPE
12 V
Max. Charge Current
Container Material
DIMENSION(mm/inch)
24.75Kg(54.57lbs.)
VRLA Rechargeable Battery
HR75-12
Technology
Measures
Innovation
Values
174±2.0
B.B. Battery Co., Ltd.
Powered by
REV. Jun. 2013
A/4
APPLICATION
FEATURES
SPECIFICATIONS
Approx. Weight
Max. Discharge Current
650 A (5 sec.)
(Fully Charged )
Operating Temperature Range
(13.78±0.08)
(6.54±0.08)
(6.85±0.08)
(6.85±0.08)
All data and artworks shall be changed without prior notice, BB reserves the right to explain and update the information contained hereinto.
UPS
Golf-Carts
Wheelchairs
B5 (Fitting M6 bolt & nut) I2 is optional
Terminal Hardware Initial Torque: B5/I2(5.5Nm±5%)
350
2.0 (13.78
0.08)
166
2.0 (6.54
0.08)
Terminal B5
[M6 BOLT & NUT]
21.0 (0.83)
6.3 (0.25)
Terminal I2
[M6 BOLT]
M6x1.0
(V/cell)
F.V.
Discharge
Time
15 Min
20 Min
Unit: W
o
o
Constant power discharge characteristics at 25 C/77 F
30 Min
40 Min
50 Min
60 Min
120 Min
1520.7
1647.3
1728.8
1766.3
1786.0
1799.9
1297.8
1373.0
1425.1
1447.5
1460.4
1470.0
986.3
1027.5
1049.6
1063.2
1070.9
1076.3
750.0
778.5
796.5
806.3
811.5
815.7
625.6
646.9
660.0
667.5
672.2
676.7
551.3
563.4
573.7
579.4
585.0
585.0
303.8
310.1
315.0
316.8
317.7
318.6
Unit: W
(V/cell)
F.V.
Discharge
Time
15 Min
20 Min
Unit: A
o
o
Constant current discharge characteristics at 25 C/77 F
30 Min
40 Min
50 Min
60 Min
120 Min
131.55
142.50
149.55
152.79
154.50
155.70
111.30
117.75
122.22
124.14
125.25
126.07
83.59
87.08
88.95
90.10
90.75
91.21
63.08
65.48
66.99
67.81
68.25
68.60
52.35
54.14
55.23
55.86
56.25
56.63
45.94
46.95
47.81
48.29
48.75
48.75
25.31
25.84
26.25
26.40
26.48
26.55
1.80V
1.70V
1.60V
1.50V
1.40V
1.30V
1.80V
1.70V
1.60V
1.50V
1.40V
1.30V
IEC 61056-1
JIS C 8702-1
GB/T 19639.1
Maintenance free(no water topping-up required).
No free acid(Non-spillable battery).
Low self-discharge rate, lower than 3% capacity loss per month.
Can be used in any orientation(excluding used inverted).
The battery is designed for high rate usage.
Absorbent Glass Mat technology for efficient gas recombination.
The power density at 5 min~15min discharging rate is 30% higher
than BP series.
10 Min
184.20
205.65
216.30
220.40
223.50
225.00
10 Min
2099.9
2344.4
2465.8
2512.6
2547.9
2565.0
5 Min
3019.5
3674.6
3936.9
4050.0
4125.0
4162.4
5 Min
274.50
334.05
357.90
368.18
375.00
378.40
Standard: ABS( UL 94-HB)
HR75-12
HR75-12FR
Optional: Flame Retardant ABS(UL 94-V0)


Similar Part No. - HR75-12

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR700 INTERPOINT-HR700 Datasheet
480Kb / 7P
   ??0째C to 85째C operation 50 V for 50 ms transient protection
HR701-2805 INTERPOINT-HR701-2805 Datasheet
120Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-2812 INTERPOINT-HR701-2812 Datasheet
120Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR701-2812 CRANE-HR701-2812 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Interpoint Corporation ...
HR701-2815 INTERPOINT-HR701-2815 Datasheet
120Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - HR75-12

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BP10-6 BB-BATTERY-BP10-6 Datasheet
200Kb / 1P
   VRLA Rechargeable Battery
BP10-12 BB-BATTERY-BP10-12 Datasheet
207Kb / 1P
   VRLA Rechargeable Battery
BP17-12 BB-BATTERY-BP17-12 Datasheet
216Kb / 1P
   VRLA Rechargeable Battery
BP26-12 BB-BATTERY-BP26-12 Datasheet
394Kb / 1P
   VRLA Rechargeable Battery
BP45-12 BB-BATTERY-BP45-12 Datasheet
218Kb / 1P
   VRLA Rechargeable Battery
BP55-12RT BB-BATTERY-BP55-12RT Datasheet
269Kb / 1P
   VRLA Rechargeable Battery
BP65-12 BB-BATTERY-BP65-12 Datasheet
219Kb / 1P
   VRLA Rechargeable Battery
BPL12-12 BB-BATTERY-BPL12-12 Datasheet
199Kb / 1P
   VRLA Rechargeable Battery
EB20-12 BB-BATTERY-EB20-12 Datasheet
203Kb / 1P
   VRLA Rechargeable Battery
EP26-12 BB-BATTERY-EP26-12 Datasheet
221Kb / 1P
   VRLA Rechargeable Battery
EP40-12 BB-BATTERY-EP40-12 Datasheet
404Kb / 1P
   VRLA Rechargeable Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com