Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCHP Datasheet(PDF) 8 Page - Vishay Siliconix

Part # HCHP
Description  High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HCHP Datasheet(HTML) 8 Page - Vishay Siliconix

  HCHP Datasheet HTML 1Page - Vishay Siliconix HCHP Datasheet HTML 2Page - Vishay Siliconix HCHP Datasheet HTML 3Page - Vishay Siliconix HCHP Datasheet HTML 4Page - Vishay Siliconix HCHP Datasheet HTML 5Page - Vishay Siliconix HCHP Datasheet HTML 6Page - Vishay Siliconix HCHP Datasheet HTML 7Page - Vishay Siliconix HCHP Datasheet HTML 8Page - Vishay Siliconix HCHP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CHP, HCHP
www.vishay.com
Vishay Sfernice
Revision: 19-May-14
8
Document Number: 52023
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Historical part numbers are not recommended but can still be used for ordering.
(1) For paper tape please consult Vishay Sfernice.
GLOBAL PART NUMBER INFORMATION
LIMITED TO 18 DIGITS: If more digits are necessary a cofication of some digits might be necessary
GLOBAL
MODEL
SIZE
TCR
VALUE
TOLERANCE
TERMINATION
PACKAGING (1)
OPTION
CHP
HCHP
(3 or 4 digits)
0502
0505
0603
0805
1005
1206
1505
2010
1020
1010
2208
2512
K = 100 ppm
L = 200 ppm
The first 3
digits are
significant
figures and
the last digit
specifies the
number of
zeros to follow.
R designates
decimal point
10R0 = 10
3901 = 3900
1004 = 1 M
D = ± 0.5 %
F = ± 1 %
G = ± 2 %
J = ± 5 %
B: SnPb over
nickel barrier
N: SnAg over
nickel barrier
F: SnAg over
nickel barrier
(one face)
G: Gold over
nickel barrier
W: Gold over
nickel barrier
(one face)
For more
information
see
Codification
of Packaging
table
From
1 to 3 digits,
leave blank
if no option
B: Lead bearing version
N and G: Lead (Pb)-free/
RoHS version
Historical Part Number examples: CHP2010K50R0FBT100
(tapes of 100 pieces)
CHP0805K33R0FG0045
(CHP option 45)
HCHP0805K16R5FBT55
(HCHP option 55)
CHP2010L1006JN
(waffle pack)
CODIFICATION OF PACKAGING
WAFFLE PACK
W
100 min., 1 mult
WA
100 min., 100 mult (available only in size 1206)
PLASTIC TAPE
T
100 min., 1 mult
TA
100 min., 100 mult
TB
250 min., 250 mult
TC
500 min., 500 mult
TD
1000 min., 1000 mult
TE
2500 min., 2500 mult
TF
Full tape (quantity depending on size of chips)
PAPER TAPE
PT
100 min., 1 mult
PA
100 min., 100 mult
PB
250 min., 250 mult
PC
500 min., 500 mult
PD
1000 min., 1000 mult
PE
2500 min., 2500 mult
PF
Full tape (quantity depending on size of chips)
CODIFICATION OF OPTIONS ON TWO DIGITS
OPTION
OPTION 2 DIGITS
OPTION
OPTION 2 DIGITS
..
..
0126
1A
0099
99
0127
1B
0100
0A
0128
1C
0101
0B
..
..
0102
0C
0320
8M
0103
0D
0321
8N
0104
0E
0322
8O
0105
0F
0323
8P
..
..
0324
8Q
0124
0Y
0325
8R
0125
0Z
..
..
CODIFICATION OF SIZES
CODE 18
CODE 40
CODE 18
CODE 40
7
02016
M
22
8
0302
N
33
9
0402
O
44
A
0502
P
55
B
0505
Q
515
C
0603
R
48
D
0805
S
408
E
1005
T
816
F
1010
U
914
G
1020
V
073
H
1206
W
074
I
1505
X
100
J
2010
Y
135
K
2208
Z
182
L
2512
H
P
0
805
K
1
C
00
1
F
B
T9
9
9


Similar Part No. - HCHP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HCHP VISHAY-HCHP Datasheet
159Kb / 9P
   High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
01-Jan-2022
HCHP-0502K1001-DBT-999 VISHAY-HCHP-0502K1001-DBT-999 Datasheet
159Kb / 9P
   High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
01-Jan-2022
HCHP-0502K1001-DFT-999 VISHAY-HCHP-0502K1001-DFT-999 Datasheet
159Kb / 9P
   High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
01-Jan-2022
HCHP-0502K1001-DGT-999 VISHAY-HCHP-0502K1001-DGT-999 Datasheet
159Kb / 9P
   High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
01-Jan-2022
HCHP-0502K1001-DNT-999 VISHAY-HCHP-0502K1001-DNT-999 Datasheet
159Kb / 9P
   High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
01-Jan-2022
More results

Similar Description - HCHP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CHP VISHAY-CHP_V01 Datasheet
159Kb / 9P
   High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
01-Jan-2022
CHPHR VISHAY-CHPHR Datasheet
112Kb / 7P
   ESCC 4001/026 Qualified High Stability Thick Film Resistor Chips
Revision: 19-Nov-14
RCMT VISHAY-RCMT Datasheet
86Kb / 5P
   Molded Metal Film High Stability (< 0.25 % after 1000 h) High Temperature (up to 175 °C) Precision Resistors
Revision: 12-Sep-14
LTO50 VISHAY-LTO50 Datasheet
90Kb / 4P
   Power Resistor Thick Film Technology
Revision 26-Mar-07
LTO050F1R000JTE3 VISHAY-LTO050F1R000JTE3 Datasheet
109Kb / 4P
   Power Resistor Thick Film Technology
Revision: 16-Oct-08
RTO50 VISHAY-RTO50 Datasheet
121Kb / 4P
   Power Resistor, Thick Film Technology
Revision 14-Jan-05
LTO100 VISHAY-LTO100_V01 Datasheet
107Kb / 6P
   Power Resistor Thick Film Technology
01-Jan-2022
LTO-50 VISHAY-LTO-50 Datasheet
102Kb / 5P
   Power Resistor Thick Film Technology
Revision: 09-Dec-15
LTO100 VISHAY-LTO100_15 Datasheet
103Kb / 5P
   Power Resistor Thick Film Technology
Revision: 08-Dec-14
LTO100 VISHAY-LTO100 Datasheet
90Kb / 4P
   Power Resistor Thick Film Technology
Revision: 26-Mar-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com