Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEN802 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DEN802
Description  Lead (Pb)-Bearing Thick Film Chip Resistors with CECC Approval, Available with Established Reliability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DEN802 Datasheet(HTML) 4 Page - Vishay Siliconix

  DEN802 Datasheet HTML 1Page - Vishay Siliconix DEN802 Datasheet HTML 2Page - Vishay Siliconix DEN802 Datasheet HTML 3Page - Vishay Siliconix DEN802 Datasheet HTML 4Page - Vishay Siliconix DEN802 Datasheet HTML 5Page - Vishay Siliconix DEN802 Datasheet HTML 6Page - Vishay Siliconix DEN802 Datasheet HTML 7Page - Vishay Siliconix DEN802 Datasheet HTML 8Page - Vishay Siliconix DEN802 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
D.. EN802
www.vishay.com
Vishay Draloric
Revision: 01-Sep-15
4
Document Number: 28808
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DESCRIPTION
Production follows a set of instructions established for
reproducibility. A thick film layer and a glass-over are
deposited on a high grade ceramic substrate (Al2O3) with
its prepared inner contacts. The target value is achieved
by laser cutting an L shaped groove in the resistive layer.
The resistor elements are covered by a protective coating
designed for electrical, mechanical and climatic protection.
The terminations receive a final SnPb on nickel plating,
controlled for a minimum lead content of 10 %. A
four-character code marking designates the resistance
value in accordance with IEC 60062 (1).
The result of the determined production is verified by an
extensive testing procedure performed on 100 % of the
individual resistors. Only accepted products are placed into
the paper tape according to IEC 60286-3 (1), type 1a.
ASSEMBLY
The resistors are suitable for processing on automatic SMD
assembly systems. They are suitable for automatic
soldering using wave, reflow or vapor phase as shown in
IEC 61760-1 (1)
. Solderability is specified for 2 years after
production.
The encapsulation is resistant to all cleaning solvents
commonly used in the electronics industry, including
alcohols, esters and aqueous solutions. The suitability of
conformal
coatings,
potting
compounds,
and
their
processes, if applied, shall be qualified by appropriate
means to ensure the long-term stability of the whole system.
MATERIALS
Vishay acknowledges the following systems for the
regulation of hazardous substances:
• IEC 62474, Material Declaration for Products of and for the
Electrotechnical Industry, with the list of declarable
substances given therein (2)
• The
Global
Automotive
Declarable
Substance
List
(GADSL) (3)
• The REACH regulation (1907/2006/EC) and the related list
of substances with very high concern (SVHC) (4) for its
supply chain
Except for the intentionally added lead (Pb) in the
termination finish, the products do not contain any of the
banned substances as per IEC 62474, GADSL, or the SVHC
list, see www.vishay.com/how/leadfree.
Vishay pursues the elimination of conflict minerals from its
supply
chain,
see
the
Conflict
Minerals
Policy
at
www.vishay.com/doc?49037.
APPROVALS
The resistors are approved within the IECQ-CECC Quality
Assessment System for Electronic Components to the detail
specification EN 140401-802 which refers to EN 60115-1,
EN 60115-8
and
the
variety
of
environmental
test
procedures of the IEC 60068 (1) series.
Conformity is attested by the use of the CECC logo (
) as
the Mark of Conformity on the package label.
The Vishay Draloric production facility is registered with the
CAGE code SH903.
RELATED PRODUCTS
A parallel family of lead (Pb)-free thick film chip resistors with
CECC approval, available with established reliability, is
available, see datasheet:
• “CRCW.... EN802 - Thick Film Chip Resistors with CECC
Approval, available with Established Reliability”
(www.vishay.com/doc?28806)
A wider range of product sizes, TCR, tolerance and
resistance values, plus the option of values from a different
E series is available without approval to any EN specification
(quality factor
πQ = 10). See the datasheets:
• “D/CRCW e3 - Standard Thick Film Chip Resistors”
(www.vishay.com/doc?20035)
• “D/CRCW - Lead (Pb)-Bearing Thick Film, Rectangular
Chip Resistors”
(www.vishay.com/doc?20008)
Notes
(1) The quoted IEC standards are also released as EN standards with the same number and identical contents.
(2) The IEC 62474 list of declarable substances is maintained in a dedicated database, which is available at http://std.iec.ch/iec62474.
(3) The Global Automotive Declarable Substance List (GADSL) is maintained by the American Chemistry Council, and available at
www.gadsl.org.
(4) The SVHC list is maintained by the European Chemical Agency (ECHA) and available at http://echa.europa.eu/candidate-list-table.


Similar Part No. - DEN802

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DEN SCHURTER-DEN Datasheet
315Kb / 1P
   Low frequency ground wire choke, fully potted resign
DEN SCHURTER-DEN Datasheet
199Kb / 2P
   Low frequency ground wire choke, fully potted resign
DEN SCHURTER-DEN Datasheet
209Kb / 2P
   Low frequency ground wire choke, fully potted resign
DEN SCHURTER-DEN Datasheet
210Kb / 2P
   Low frequency ground wire choke, fully potted resign
04.01.2022
DEN-25-0001 SCHURTER-DEN-25-0001 Datasheet
315Kb / 1P
   Low frequency ground wire choke, fully potted resign
More results

Similar Description - DEN802

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCWEN802 VISHAY-CRCWEN802 Datasheet
129Kb / 9P
   Thick Film Chip Resistors with CECC Approval,available with Established Reliability
Revision: 01-Sep-15
CRCW060386K6FKEA VISHAY-CRCW060386K6FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW120682K5FKEA VISHAY-CRCW120682K5FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0402475RFKED VISHAY-CRCW0402475RFKED Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW08050000ZSTA VISHAY-CRCW08050000ZSTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW120675K0FKEA VISHAY-CRCW120675K0FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW25122K40JNEG VISHAY-CRCW25122K40JNEG Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805499KFKEA VISHAY-CRCW0805499KFKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805200KFKEA VISHAY-CRCW0805200KFKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805100RFKTA VISHAY-CRCW0805100RFKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com