Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TND315S Datasheet(PDF) 2 Page - ON Semiconductor

Part # TND315S
Description  Excellent Power Device
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TND315S Datasheet(HTML) 2 Page - ON Semiconductor

  TND315S Datasheet HTML 1Page - ON Semiconductor TND315S Datasheet HTML 2Page - ON Semiconductor TND315S Datasheet HTML 3Page - ON Semiconductor TND315S Datasheet HTML 4Page - ON Semiconductor TND315S Datasheet HTML 5Page - ON Semiconductor TND315S Datasheet HTML 6Page - ON Semiconductor TND315S Datasheet HTML 7Page - ON Semiconductor TND315S Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TND315
No. A0421-2/8
Recommend Operating Conditions at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Operating Supply Voltage
VDD
4.5 to 25
V
Operating Temperature
Topr
--40 to +125
°C
Electrical Characteristics (AC Characteristics) at Ta=25°C, VDD=18V, VIN=5V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Turn-ON Rise Time
tr
CL=1000pF
30
45
ns
Turn-OFF Fall Time
tf
CL=1000pF
30
45
ns
Delay Time
tD1CL=1000pF
30
45
ns
tD2CL=1000pF
45
60
ns
Electrical Characteristics (DC Characteristics) at Ta=25°C, VDD=4.5 to 25V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Logic “1” Input Voltage
VIH
2.6
V
Logic “0” Input Voltage
VIL
0.8
V
Logic “1” Input Bias Current
IIN+
VIN=VDD=25V
40
100
μA
Logic “0” Input Bias Current
IIN--
VIN=0V or VDD
--1
1
μA
High Level Output Voltage
VOH
IO=0A
VDD--0.1
V
Low Level Output Voltage
VOL
IO=0A
0.1
V
VDD Supply Current
Isupp
VDD=10V, VIN=3V, (both inputs)
1.0
4.5
mA
VDD=10V, VIN=0V, (both inputs)
0.2
mA
Output High Short Circuit Pulse Current
IO+
VDD=18V, PW≤10μs, VOUT=0V
1.0
A
Output Low Short Circuit Pulse Current
IO--
VDD=18V, PW≤10μs, VOUT=18V
1.0
A
Output On Resistance
ROUT
VDD=18V, Iload=10mA, VOUT=“H”
812
Ω
VDD=18V, Iload=10mA, VOUT=“L”
610
Ω
Switching Time Test Circuit
Ordering Information
Devices
Package
Shipping
memo
TND315S-TL-2H
SOIC8
2,500pcs./reel
Pb Free and Halogen Free
90%
INPUT
INPUT RISE
AND FALL
TIMES=5ns
NONINVERTING
OUTPUT
90%
90%
10%
10%
10%
+5V
+0.4V
+18V
0V
0.1μF
OUTPUT A
1000pF
1000pF
OUTPUT B
INPUT A
INPUT B
4.7μF
tr
tf
tD1
tD2
VDD=18V
TND315S


Similar Part No. - TND315S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND315S SANYO-TND315S Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
More results

Similar Description - TND315S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TND027SW ONSEMI-TND027SW Datasheet
355Kb / 9P
   Excellent Power Device
August, 2013
TND321VD ONSEMI-TND321VD Datasheet
655Kb / 7P
   Excellent Power Device
March 2015 - Rev. 1
TND314S ONSEMI-TND314S Datasheet
318Kb / 8P
   Excellent Power Device
August, 2013
TND316S ONSEMI-TND316S Datasheet
320Kb / 8P
   Excellent Power Device
August, 2013
TND323VD ONSEMI-TND323VD Datasheet
714Kb / 7P
   Excellent Power Device
March 2015 - Rev. 2
TND523SS ONSEMI-TND523SS Datasheet
464Kb / 12P
   Excellent Power Device
August, 2013
TND322VD-TL-E ONSEMI-TND322VD-TL-E Datasheet
310Kb / 8P
   Excellent Power Device
August, 2013
TND525SS-TL-2H ONSEMI-TND525SS-TL-2H Datasheet
461Kb / 13P
   Excellent Power Device Half-bridge Drive, Single SOIC8
August, 2013
logo
Sanyo Semicon Device
TN6Q04 SANYO-TN6Q04 Datasheet
40Kb / 4P
   ExPD (Excellent Power Device) Quasi-Resonant Switching Power Supply ExPD
logo
ON Semiconductor
TND524VS-TL-H ONSEMI-TND524VS-TL-H Datasheet
419Kb / 11P
   Excellent Power Device Single-phase High Side Drive, Single VEC8
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com