Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE9050 Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 7Page - Mitel Networks Corporation ACE9050 Datasheet HTML 8Page - Mitel Networks Corporation ACE9050 Datasheet HTML 9Page - Mitel Networks Corporation ACE9050 Datasheet HTML 10Page - Mitel Networks Corporation ACE9050 Datasheet HTML 11Page - Mitel Networks Corporation ACE9050 Datasheet HTML 12Page - Mitel Networks Corporation ACE9050 Datasheet HTML 13Page - Mitel Networks Corporation ACE9050 Datasheet HTML 14Page - Mitel Networks Corporation ACE9050 Datasheet HTML 15Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
ACE9050
11
ACEBus Timing Cycle Conditions
Input clock frequency, XIN = 8·064MHz. Worst case Timings: TAMB = 240°C to 1 85°C, VDD = 13·6V to 15·5V
Typical timings: TAMB = 125°C, VDD = 13·75V
SynthBus (Note: The SynthBus is not required when the ACE9050 is used as part of the ACE Chipset)
tD17VCLH
SYNTHCLK
SYNTHDATA
DTFG
LATCH
D1-7
D1-6
D3-1
D3-0
tCLH tCLL
tCLHLAH
tLAH
tDAVCLH
tCLHDAI
Fig.11 SynthBus timing diagram
SynthBus Timing Cycle Conditions
Input clock frequency, XIN = 8·064MHz. Worst case Timings: TAMB = 240°C to 185°C, VDD = 13·6V to 15·5V
Typical timings: TAMB = 125°C, VDD = 13·75V
491
488
491
491
491
0·099
0
14
14
Characteristic
Value
Typ.
Max.
Min.
Programmable width
496
496
496
Conditions
Units
Symbol
TRANSMIT
Clock high to Data bus driven
Data set-up time
Data hold time
Clock high to Latch high
Latch width 0 and 1
Latch width 3
Clock low
Clock high
Clock high to data line tristate
RECEIVE
Data set-up time
Data hold time
ns
ns
ns
ns
ns
ms
ns
ns
ns
ns
ns
12·59
5
tCLHDA
tDAVCLH
tCLHDAI
tCLHLAH
tPW01
tPW3
tCLL
tCLH
tCLHDAZ
tDAVCLL
tCLLDAI
Table 6 ACEBus Read and Write timings
>0
Characteristic
Value
Typ.
Max.
Min.
3·9
4·0
4·97
952
3·99
3·93
Conditions
Units
Symbol
First data bit set-up time
Data bit set-up time (except first)
Data hold time
Clock high to latch high
Latch width
Clock low
Clock high
µs
µs
µs
µs
ns
µs
µs
7·84
tD17VCLH
tDAVCLH
tCLHDAI
tCLHLAH
tLAH
tCLL
tCLH
Table 7 SynthBus timing


Similar Part No. - ACE9050

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
ACE9050 MITEL-ACE9050 Datasheet
379Kb / 39P
   Radio Interface and Twin Synthesiser
More results

Similar Description - ACE9050

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC705P6A FREESCALE-MC68HC705P6A_13 Datasheet
438Kb / 98P
   Advance Information Data Sheet
logo
Micrel Semiconductor
MIC2010 MICREL-MIC2010 Datasheet
51Kb / 9P
   USB Power Controller Advance Information
MIC2012 MICREL-MIC2012 Datasheet
56Kb / 10P
   USB Power Controller Advance Information
logo
Mitel Networks Corporat...
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
logo
Micrel Semiconductor
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
   QwikRadiotm Receiver/Data Demodulator Advance Information
logo
Motorola, Inc
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
   ADVANCE INFORMATION
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
   ADVANCE INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com