Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH88422 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MH88422
Description  Line Interface Circuit Preliminary Information
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88422 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MH88422 Datasheet HTML 1Page - Mitel Networks Corporation MH88422 Datasheet HTML 2Page - Mitel Networks Corporation MH88422 Datasheet HTML 3Page - Mitel Networks Corporation MH88422 Datasheet HTML 4Page - Mitel Networks Corporation MH88422 Datasheet HTML 5Page - Mitel Networks Corporation MH88422 Datasheet HTML 6Page - Mitel Networks Corporation MH88422 Datasheet HTML 7Page - Mitel Networks Corporation MH88422 Datasheet HTML 8Page - Mitel Networks Corporation MH88422 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2-21
®
Features
FAX and Modem interface (V29/V22 bis)
Variants match German, UK & 600
network
impedances
Provides reinforced barrier to international PTT
requirements
Transformerless 2-4 Wire conversion
Loop start operation
Pulse and DTMF operation
Accommodates external monitor phone
Line state detection outputs:
-loop current/ringing outputs
Single +5V operation, low idle power (5mW)
Full Duplex
Suitable for power down applications
Applications
Interface to Central Office for:
•DAA
Modem
•FAX
Answering Machine
Terminal Equipment
Description
The Mitel MH88422 Line Interface Circuit provides a
complete audio and signalling link between audio
equipment and central office. The functions provided
by the MH88422 include 2-4 Wire conversion, loop
seizure, ring voltage and loop current detection. The
device is fabricated as thick film hybrid which
incorporates various technologies for optimum circuit
design,
high
voltage
isolation
and
very
high
reliability.
Variants are provided to meet German (-1) and UK
(-3)
line
impedance
(see
section
on
Line
Impedances), as well as a 600
Ω variants (-2).
ISSUE 5
April 1995
Ordering Information
MH88422-1
14 Pin DIL Package
MH88422-2
14 Pin DIL Package
MH88422-3
14 Pin DIL Package
Surface Mount Options are available by adding the
Suffix “S”
Power
Supply
Opto-
Isolation
Logic Input
Buffer
Opto-
Isolation
Opto-
Isolation
Opto-
Isolation
Audio
Buffer
Audio
Buffer
Ring & Loop
Buffer
Transhybrid
Loss
Cancellation
Circuit
Active
Termination
Audio Input
Buffer
Input
Buffer
Isolation Barrier
VDD
AGND
LC
VR
VX
RVLC
TIP
RING
TXIN
TF
RLS
USER CONNECTIONS
NETWORK CONNECTIONS
Figure 1 - Functional Block Diagram
MH88422
Line Interface Circuit
Preliminary Information


Similar Part No. - MH88422

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88422-1 MITEL-MH88422-1 Datasheet
73Kb / 14P
   Data Access Arrangement Preliminary Information
MH88422-2 MITEL-MH88422-2 Datasheet
73Kb / 14P
   Data Access Arrangement Preliminary Information
MH88422-3 MITEL-MH88422-3 Datasheet
73Kb / 14P
   Data Access Arrangement Preliminary Information
MH88422BD-1 MITEL-MH88422BD-1 Datasheet
73Kb / 14P
   Data Access Arrangement Preliminary Information
More results

Similar Description - MH88422

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88400 MITEL-MH88400 Datasheet
120Kb / 10P
   Line Interface Circuit Preliminary Information
MH88612C MITEL-MH88612C Datasheet
66Kb / 8P
   Subscriber Line Interface Circuit Preliminary Information
MH88612K MITEL-MH88612K Datasheet
72Kb / 8P
   Subscriber Line Interface Circuit Preliminary Information
MH88612 MITEL-MH88612 Datasheet
64Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88510 MITEL-MH88510 Datasheet
130Kb / 10P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88610 MITEL-MH88610 Datasheet
63Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88500 MITEL-MH88500 Datasheet
96Kb / 10P
   Hybrid Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88500IN MITEL-MH88500IN Datasheet
96Kb / 10P
   Hybrid Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88520-1 MITEL-MH88520-1 Datasheet
105Kb / 10P
   German Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88632 MITEL-MH88632 Datasheet
156Kb / 18P
   Central Office Interface Circuit Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com