Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRL0602NE-15 Datasheet(PDF) 2 Page - ULTRA LEVEL TECH CO., LTD.

Part # PRL0602NE-15
Description  AC-DC Active PFC SWITCHING POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

PRL0602NE-15 Datasheet(HTML) 2 Page - ULTRA LEVEL TECH CO., LTD.

  PRL0602NE-15 Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. PRL0602NE-15 Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. PRL0602NE-15 Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD. PRL0602NE-15 Datasheet HTML 4Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OUTPUT VOLTAGE / CURRENT RATING CHART: Measured at output power connector.
Note:
* PRL0602N series are designated as PRL0602Nx-y where x can be U (U-Chassis), C (U-chassis with top vented cover),E (Enclosed Type
with end side built-in fan) or F (Enclosed Type with top cover built-in fan) or ,y can be 12, 15, 18, 24, 28, 36, 48 or 54.
•PRL0602NU Series: U-Chassis @400W max. with min. 26.84CFM forced airflow or 220W convection cooled output.
•PRL0602NC Series: U-chassis with vented cover@220W max. convection cooling.
* PRL0602NE Series: Enclosed with rear side built-in fan @400W max.
* PRL0602NF Series: Enclosed with top built-in fan @400W max.
* All output ranges are covered in agency certifications and the preset voltage will be set as standard model if any request is not preset
output please contact us in advance.
* Ripple and noise are measured from 10KHZ to 20MHz bandwidth at output with parallel 0.1µF ceramic and 22µF electrolytic capacitors.
* Providing peak power to 700W within 500uS for all models, longer duty duration need contact manufacture.
•1% minimum load is required to maintain the ripple and regulation.
* Output is fully isolated.
Input and Output Connector (CN2):
Terminal block - Howder Part No. HD-121-7P or Molex - Mating JST VH series.
Input 5 pin connector (3 pin used, pin 2 & pin 4 removed), PCB labeling: L = Line; N = Neutral;
G = Chassis Ground. Output 10 pin connector.
Output Pin Assignment: (See table in right).
Mounting Inserts: 6 Places M4X0.7. Maximum Penetration 2mm.
Logic signal connector (CN1):
Mating JST XHP-4 or equivalent (CHYAO SHIUNN JS-2001-04);
Mating Pins: JST SXH-002T-P0.6 FOR AWG 30 to 26.
Pin 1: PG, Pin 2: RTN, PIN3: FF, Pin4: INH
Fan driver connector (FAN1):
12VDC/300mA is available to drive an external fan, Mating connector JST P/N XHP-2 (2 pins
0.98 pitch), equivalent (CHYAO SHIUNN JS-2001-02).
Howder
Molex
Pins 1 ~ 2: V+
Pins 1 ~ 5: V+
Pins 3 ~ 4: V-
Pins 6 ~ 10: V-
Pin 5: GND
Pin 12: GND
Pin 6: Neutral
Pin 14: Neutral
Pin 7: Line
Pin 16: Line
OUTLINE DRAWING:
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.
Model
Output
Range
Preset
Voltage
Max. Output Current
Regulation
Ripple &
Noise
Type U & E & F (forced air)
Type U & C (Convection)
PRL0602Nx-12
10 ~ 13.8V
12 V
33.33A
18.33A
+/- 1%
1%
PRL0602Nx-15
14 ~ 15.5V
15 V
26.67A
14.67A
+/- 1%
1%
PRL0602Nx-18
16 ~ 20V
18V
22.22A
12.22A
+/- 1%
1%
PRL0602Nx-24
21 ~ 26V
24V
16.67A
9.17A
+/- 1%
1%
PRL0602Nx-28
27 ~ 34V
28V
14.29A
7.86A
+/- 1%
1%
PRL0602Nx-36
35 ~ 42V
36V
11.11A
6.11A
+/- 1%
1%
PRL0602Nx-48
43 ~ 50V
48V
8.33A
4.58A
+/- 1%
1%
PRL0602Nx-54
51 ~ 60V
54V
7.41A
4.07A
+/- 1%
1%
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
www.ultralevel.com.tw
Tel:+886-2-29180118
Fax:+886-2-29181465


Similar Part No. - PRL0602NE-15

ManufacturerPart #DatasheetDescription
logo
ULTRA LEVEL TECH CO., L...
PRL0602DN ULC-PRL0602DN Datasheet
451Kb / 4P
   AC-DC Active PFC SWITCHING POWER SUPPLY
PRL0602DNC-0512 ULC-PRL0602DNC-0512 Datasheet
451Kb / 4P
   AC-DC Active PFC SWITCHING POWER SUPPLY
PRL0602DNC-0524 ULC-PRL0602DNC-0524 Datasheet
451Kb / 4P
   AC-DC Active PFC SWITCHING POWER SUPPLY
PRL0602DNC-0548 ULC-PRL0602DNC-0548 Datasheet
451Kb / 4P
   AC-DC Active PFC SWITCHING POWER SUPPLY
PRL0602DNC-1224 ULC-PRL0602DNC-1224 Datasheet
451Kb / 4P
   AC-DC Active PFC SWITCHING POWER SUPPLY
More results

Similar Description - PRL0602NE-15

ManufacturerPart #DatasheetDescription
logo
ULTRA LEVEL TECH CO., L...
PRL0602DN ULC-PRL0602DN Datasheet
451Kb / 4P
   AC-DC Active PFC SWITCHING POWER SUPPLY
PRL1301D ULC-PRL1301D Datasheet
477Kb / 4P
   AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
PRL1201D ULC-PRL1201D Datasheet
148Kb / 3P
   AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
logo
MicroPower Direct, LLC
MPA350X MPD-MPA350X Datasheet
296Kb / 3P
   350W AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
logo
ULTRA LEVEL TECH CO., L...
PRL1201 ULC-PRL1201 Datasheet
264Kb / 3P
   AC TO DC ACTIVE PFC SWITCHING POWER SUPPLY SPECIFICATION
PRL1301 ULC-PRL1301 Datasheet
478Kb / 4P
   AC TO DC ACTIVE PFC SWITCHING POWER SUPPLY SPECIFICATION
PRL0801 ULC-PRL0801 Datasheet
509Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
PRL0801D ULC-PRL0801D Datasheet
561Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
logo
MicroPower Direct, LLC
MPA400M MPD-MPA400M Datasheet
261Kb / 2P
   400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
MPA400MD MPD-MPA400MD Datasheet
288Kb / 2P
   400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com