Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH16240DTR Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74ALVCH16240DTR
Description  Low?뭋oltage 16?묪it Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ALVCH16240DTR Datasheet(HTML) 1 Page - ON Semiconductor

  74ALVCH16240DTR Datasheet HTML 1Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 2Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 3Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 4Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 5Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 6Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 7Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 8Page - ON Semiconductor 74ALVCH16240DTR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 3
1
Publication Order Number:
74ALVCH16240/D
74ALVCH16240
Low−Voltage 16−Bit Buffer
with Bus Hold 1.8/2.5/3.3 V
(3−State, Inverting)
The 74ALVCH16240 is an advanced performance, inverting 16−bit
buffer. It is designed for very high−speed, very low−power operation
in 1.8 V, 2.5 V or 3.3 V systems.
The 74ALVCH16240 is nibble controlled with each nibble
functioning identically, but independently. The control pins may be
tied together to obtain full 16−bit operation. The 3−state outputs are
controlled by an Output Enable (OEn) input for each nibble. When
OEn is LOW, the outputs are on. When OEn is HIGH, the outputs are
in the high impedance state. The data inputs include active bus−hold
circuitry, eliminating the need for external pull−up resistors to hold
unused or floating inputs at a valid logic state.
Designed for Low Voltage Operation: VCC = 1.65 to 3.6 V
3.6 V Tolerant Inputs and Outputs
High−Speed Operation: 3.0 ns Max for 3.0 to 3.6 V
3.7 ns Max for 2.3 to 2.7 V
6.0 ns Max for 1.65 to 1.95 V
Static Drive: ±24 mA Drive at 3.0 V
±12 mA Drive at 2.3 V
±4 mA Drive at 1.65 V
Supports Live Insertion and Withdrawal
Includes Active Bus−Hold to Hold Unused or Floating Inputs at a
Valid Logic State
IOFF Specification Guarantees High Impedance When VCC = 0 V†
Near Zero Static Supply Current in All Three Logic States (40 mA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds ±250 mA @ 125°C
ESD Performance: Human Body Model >2000V; Machine Model >200V
Second Source to Industry Standard 74ALVCH16240
†To ensure the outputs activate in the 3−state condition, the output enable pins
should be connected to VCC through a pull−up resistor. The value of the resistor is
determined by the current sinking capability of the output connected to the OE pin.
http://onsemi.com
MARKING DIAGRAM
A
= Assembly
Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
TSSOP−48
DT SUFFIX
CASE 1201
1
48
74ALVCH16240DT
AWLYYWW
1
48
Device
Package
Shipping
ORDERING INFORMATION
74ALVCH16240DTR
TSSOP
2500 / Reel


Similar Part No. - 74ALVCH16240DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ALVCH16240DGGRE4 TI1-74ALVCH16240DGGRE4 Datasheet
521Kb / 15P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVCH16240DTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
74ALVC16240 ONSEMI-74ALVC16240 Datasheet
217Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVC16244 ONSEMI-74ALVC16244 Datasheet
264Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74VCX16244 ONSEMI-74VCX16244_06 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8V/2.5V/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74ALVC16245 ONSEMI-74ALVC16245 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Transceiver
June, 2006 ??Rev. 1
74ALVCH16374 ONSEMI-74ALVCH16374 Datasheet
275Kb / 10P
   Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
June, 2006 ??Rev. 3
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com