Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH16244 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74ALVCH16244
Description  Low?뭋oltage 16?묪it Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ALVCH16244 Datasheet(HTML) 2 Page - ON Semiconductor

  74ALVCH16244 Datasheet HTML 1Page - ON Semiconductor 74ALVCH16244 Datasheet HTML 2Page - ON Semiconductor 74ALVCH16244 Datasheet HTML 3Page - ON Semiconductor 74ALVCH16244 Datasheet HTML 4Page - ON Semiconductor 74ALVCH16244 Datasheet HTML 5Page - ON Semiconductor 74ALVCH16244 Datasheet HTML 6Page - ON Semiconductor 74ALVCH16244 Datasheet HTML 7Page - ON Semiconductor 74ALVCH16244 Datasheet HTML 8Page - ON Semiconductor 74ALVCH16244 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
74ALVCH16244
http://onsemi.com
2
OE1
OE2
D0:3
D4:7
O0:3
O4:7
OE3
OE4
D8:11
D12:15
O8:11
O12:15
One of Four
48
1
OE2
OE1
47
2
D0
O0
46
3
D1
O1
45
4
GND
GND
44
5
D2
O2
43
6
D3
O3
42
7
VCC
VCC
41
8
D4
O4
40
9
D5
O5
39
10
GND
GND
38
11
D6
O6
37
12
D7
O7
36
13
D8
O8
35
14
D9
O9
34
15
GND
GND
33
16
D10
O10
32
17
D11
O11
31
18
VCC
VCC
30
19
D12
O12
29
20
D13
O13
28
21
GND
GND
27
22
D14
O14
26
23
D15
O15
25
24
OE3
OE4
1
48
25
24
Figure 1. 48−Lead Pinout
(Top View)
Figure 2. Logic Diagram
1
48
25
24
D0
47
D1
46
D2
44
D3
43
O0
2
EN1
OE1
OE2
OE3
OE4
O1
3
O2
5
O3
6
EN2
EN3
EN4
D4
41
D5
40
D6
38
D7
37
O4
8
O5
9
O6
11
O7
12
D8
36
D9
35
D10
33
D11
32
O8
13
O9
14
O10
16
O11
17
D12
30
D13
29
D14
27
D15
26
O12
19
O13
20
O14
22
O15
23
1 ∇
2 ∇
3 ∇
4 ∇
1
1
1
1
PIN NAMES
Function
Output Enable Inputs
Inputs
Outputs
Pins
OEn
D0−D15
O0−O15
Figure 3. IEC Logic Diagram
OE1
D0:3
O0:3
OE2
D4:7
O4:7
OE3
D8:11
O8:11
OE4
D12:15
O12:15
L
L
L
L
L
L
L
L
L
L
L
L
L
H
H
L
H
H
L
H
H
L
H
H
H
X
Z
H
X
Z
H
X
Z
H
X
Z
H = High Voltage Level; L = Low Voltage Level; Z = High Impedance State; X = High or Low Voltage Level and Transitions Are Acceptable, for
ICC reasons, DO NOT FLOAT Inputs


Similar Part No. - 74ALVCH16244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16244 PHILIPS-74ALVCH16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
logo
Fairchild Semiconductor
74ALVCH16244 FAIRCHILD-74ALVCH16244 Datasheet
79Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
logo
STMicroelectronics
74ALVCH16244 STMICROELECTRONICS-74ALVCH16244 Datasheet
224Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Integrated Device Techn...
74ALVCH16244BF IDT-74ALVCH16244BF Datasheet
106Kb / 7P
   3.3V CMOS 32-BIT BUFFER/ DRIVER
74ALVCH16244BFG IDT-74ALVCH16244BFG Datasheet
106Kb / 7P
   3.3V CMOS 32-BIT BUFFER/ DRIVER
More results

Similar Description - 74ALVCH16244

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74ALVC16240 ONSEMI-74ALVC16240 Datasheet
217Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVCH16240 ONSEMI-74ALVCH16240 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 3
74ALVC16244 ONSEMI-74ALVC16244 Datasheet
264Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74VCX16244 ONSEMI-74VCX16244_06 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8V/2.5V/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74ALVC16245 ONSEMI-74ALVC16245 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Transceiver
June, 2006 ??Rev. 1
74ALVCH16374 ONSEMI-74ALVCH16374 Datasheet
275Kb / 10P
   Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
June, 2006 ??Rev. 3
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com