Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC04ADR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # 74LVC04ADR2G
Description  Low-Voltage CMOS Hex Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC04ADR2G Datasheet(HTML) 3 Page - ON Semiconductor

  74LVC04ADR2G Datasheet HTML 1Page - ON Semiconductor 74LVC04ADR2G Datasheet HTML 2Page - ON Semiconductor 74LVC04ADR2G Datasheet HTML 3Page - ON Semiconductor 74LVC04ADR2G Datasheet HTML 4Page - ON Semiconductor 74LVC04ADR2G Datasheet HTML 5Page - ON Semiconductor 74LVC04ADR2G Datasheet HTML 6Page - ON Semiconductor 74LVC04ADR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
74LVC04A
www.onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
−40
5C to +855C
−40
5C to +1255C
Unit
Min
Typ
(Note 3)
Max
Min
Typ
(Note 3)
Max
VIH
HIGH−level input
voltage
VCC = 1.2 V
1.08
1.08
V
VCC = 1.65 V to 1.95 V
0.65 x
VCC
0.65 x
VCC
VCC = 2.3 V to 2.7 V
1.7
1.7
VCC = 2.7 V to 3.6 V
2.0
2.0
VIL
LOW−level input
voltage
VCC = 1.2 V
0.12
0.12
V
VCC = 1.65 V to 1.95 V
0.35 x
VCC
0.35 x
VCC
VCC = 2.3 V to 2.7 V
0.7
0.7
VCC = 2.7 V to 3.6 V
0.8
0.8
VOH
HIGH−level output
voltage
VI = VIH or VIL
V
IO = −100 mA;
VCC = 1.65 V to 3.6 V
VCC
0.2
VCC
0.3
IO = −4 mA; VCC = 1.65 V
1.2
1.05
IO = −8 mA; VCC = 2.3 V
1.8
1.65
IO = −12 mA; VCC = 2.7 V
2.2
2.05
IO = −18 mA; VCC = 3.0 V
2.4
2.25
IO = −24 mA; VCC = 3.0 V
2.2
2.0
VOL
LOW−level output
voltage
VI = VIH or VIL
V
IO = 100 mA;
VCC = 1.65 V to 3.6 V
0.2
0.3
IO = 4 mA; VCC = 1.65 V
0.45
0.65
IO = 8 mA; VCC = 2.3 V
0.6
0.8
IO = 12 mA; VCC = 2.7 V
0.4
0.6
IO = −24 mA; VCC = 3.0 V
0.55
0.8
II
Input leakage current
VI = 5.5V or GND VCC = 3.6 V
±0.1
±5
±0.1
±20
mA
IOFF
Power−off leakage
current
VI or VO = 5.5 V; VCC = 0.0 V
±0.1
±10
±0.1
±20
mA
ICC
Supply current
VI = VCC or GND; IO = 0 A;
VCC = 3.6 V
0.1
10
0.1
40
mA
DICC
Additional supply
current
per input pin;
VI = VCC − 0.6 V; IO = 0 A;
VCC = 2.7 V to 3.6 V
5
500
5
5000
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. All typical values are measured at TA = 25°C and VCC = 3.3 V, unless stated otherwise.


Similar Part No. - 74LVC04ADR2G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04AD PHILIPS-74LVC04AD Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
74LVC04AD PHILIPS-74LVC04AD Datasheet
120Kb / 15P
   Hex inverter
Rev. 9-17 November 2011
logo
Nexperia B.V. All right...
74LVC04AD NEXPERIA-74LVC04AD Datasheet
233Kb / 12P
   Hex inverter
Rev. 11 - 17 September 2021
74LVC04AD-Q100 NEXPERIA-74LVC04AD-Q100 Datasheet
703Kb / 14P
   Hex inverter
logo
NXP Semiconductors
74LVC04ADB PHILIPS-74LVC04ADB Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
More results

Similar Description - 74LVC04ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
   Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Hex Inverter
January, 2005 ??Rev. 4
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
logo
Motorola, Inc
MC74LCX04 MOTOROLA-MC74LCX04 Datasheet
133Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
MC74LVQ04 MOTOROLA-MC74LVQ04 Datasheet
176Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04 Datasheet
133Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
REV 1
74LVC06A ONSEMI-74LVC06A_15 Datasheet
94Kb / 7P
   Low-Voltage CMOS Hex Inverter
December, 2015 ??Rev. 0
74LVC06A ONSEMI-74LVC06A Datasheet
96Kb / 7P
   Low-Voltage CMOS Hex Inverter
June, 2015 ??Rev. P0
MC74LCX14 ONSEMI-MC74LCX14_12 Datasheet
168Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter
October, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com