Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC32ADTR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # 74LVC32ADTR2G
Description  Low-Voltage CMOS Quad 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC32ADTR2G Datasheet(HTML) 6 Page - ON Semiconductor

  74LVC32ADTR2G Datasheet HTML 1Page - ON Semiconductor 74LVC32ADTR2G Datasheet HTML 2Page - ON Semiconductor 74LVC32ADTR2G Datasheet HTML 3Page - ON Semiconductor 74LVC32ADTR2G Datasheet HTML 4Page - ON Semiconductor 74LVC32ADTR2G Datasheet HTML 5Page - ON Semiconductor 74LVC32ADTR2G Datasheet HTML 6Page - ON Semiconductor 74LVC32ADTR2G Datasheet HTML 7Page - ON Semiconductor 74LVC32ADTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
74LVC32A
www.onsemi.com
6
WAVEFORM 1 − PROPAGATION DELAYS
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
VCC
0 V
VOH
VOL
An, Bn
On
tPHL
tPLH
Vmi
Vmi
Vmo
Vmo
Vcc
Symbol
3.3 V + 0.3 V
2.7 V
VCC < 2.7 V
Vmi
1.5 V
1.5 V
Vcc/2
Vmo
1.5 V
1.5 V
Vcc/2
Figure 3. AC Waveforms
PULSE
GENERATOR
RT
DUT
VCC
RL
CL
CL includes jig and probe capacitance
RT = ZOUT of pulse generator (typically 50 W)
VI
VO
Supply Voltage
Input
Load
VCC (V)
VI
tr, tf
CL
RL
1.2
VCC
≤ 2 ns
30 pF
1 k
W
1.65 − 1.95
VCC
≤ 2 ns
30 pF
1 k
W
2.3 − 2.7
VCC
≤ 2 ns
30 pF
500
W
2.7
2.7 V
≤ 2.5 ns
50 pF
500
W
3 − 3.6
2.7 V
≤ 2.5 ns
50 pF
500
W
Figure 4. Test Circuit
ORDERING INFORMATION
Device
Package
Shipping
74LVC32ADR2G
SOIC−14
(Pb−Free)
2500 / Tape & Reel
74LVC32ADTR2G
TSSOP−14
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - 74LVC32ADTR2G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC32AD PHILIPS-74LVC32AD Datasheet
87Kb / 10P
   Quad 2-input OR gate
1997 Jun 30
logo
Nexperia B.V. All right...
74LVC32AD NEXPERIA-74LVC32AD Datasheet
236Kb / 13P
   Quad 2-input OR gate
Rev. 8 - 27 August 2021
74LVC32AD-Q100 NEXPERIA-74LVC32AD-Q100 Datasheet
224Kb / 13P
   Quad 2-input OR gate
logo
NXP Semiconductors
74LVC32ADB PHILIPS-74LVC32ADB Datasheet
87Kb / 10P
   Quad 2-input OR gate
1997 Jun 30
More results

Similar Description - 74LVC32ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX00 ONSEMI-MC74LCX00 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
1996 REV 1
74LVC02A ONSEMI-74LVC02A Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
MC74LCX00DTR2G ONSEMI-MC74LCX00DTR2G Datasheet
156Kb / 7P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2012 ??Rev. 8
74LVC08A ONSEMI-74LVC08A Datasheet
94Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
logo
STMicroelectronics
74LVQ00 STMICROELECTRONICS-74LVQ00_04 Datasheet
285Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
74LVC240A ONSEMI-74LVC240A Datasheet
94Kb / 9P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
MC74LCX00 ONSEMI-MC74LCX00_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
January, 2005 ??Rev. 5
logo
Motorola, Inc
MC74LVQ00 MOTOROLA-MC74LVQ00 Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
74LVC00A ONSEMI-74LVC00A Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
74LVC126A ONSEMI-74LVC126A Datasheet
101Kb / 9P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com