Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3I2762AG-08TR Datasheet(PDF) 1 Page - ON Semiconductor

Part # ASM3I2762AG-08TR
Description  Low Power Peak EMI Reducing Solution
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3I2762AG-08TR Datasheet(HTML) 1 Page - ON Semiconductor

  ASM3I2762AG-08TR Datasheet HTML 1Page - ON Semiconductor ASM3I2762AG-08TR Datasheet HTML 2Page - ON Semiconductor ASM3I2762AG-08TR Datasheet HTML 3Page - ON Semiconductor ASM3I2762AG-08TR Datasheet HTML 4Page - ON Semiconductor ASM3I2762AG-08TR Datasheet HTML 5Page - ON Semiconductor ASM3I2762AG-08TR Datasheet HTML 6Page - ON Semiconductor ASM3I2762AG-08TR Datasheet HTML 7Page - ON Semiconductor ASM3I2762AG-08TR Datasheet HTML 8Page - ON Semiconductor ASM3I2762AG-08TR Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2011
August, 2011 − Rev. 3
1
Publication Order Number:
ASM3P2762A/D
ASM3P2762A
Low Power Peak EMI
Reducing Solution
Description
The ASM3P2762A is a versatile spread spectrum frequency
modulator designed specifically for a wide range of clock frequencies.
The ASM3P2762A reduces electromagnetic interference (EMI) at the
clock source, allowing system wide reduction of EMI of all clock
dependent signals. The ASM3P2762A allows significant system cost
savings by reducing the number of circuit board layers, ferrite beads
and shielding that are traditionally required to pass EMI regulations.
The ASM3P2762A uses the most efficient and optimized
modulation profile approved by the FCC and is implemented by using
a proprietary all digital method.
The ASM3P2762A modulates the output of a single PLL in order to
“spread” the bandwidth of a synthesized clock, and more importantly,
decreases the peak amplitudes of its harmonics. This results in
significantly lower system EMI compared to the typical narrow band
signal produced by oscillators and most frequency generators.
Lowering EMI by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation.’
Applications
The ASM3P2762A is targeted towards all portable devices with
very low power requirements like MP3 players and digital still
cameras.
Features
Generates an EMI Optimized Clock Signal at the Output
Integrated Loop Filter Components
Operates with a 3.3 V / 2.5 V Supply
Operating Current less than 6 mA
Low Power CMOS Design
Input Frequency Range:
6 MHz to 12 MHz for 2.5 V
6 MHz to 13 MHz for 3.3 V
Generates a 1X Low EMI Spread Spectrum Clock of the Input
Frequency
Frequency Deviation: −1.25% (Typ) @ 10 MHz Input Frequency
Available in 6−pin TSOT−23, 8−pin SOIC and 8−pin TSSOP
Packages
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
http://onsemi.com
TSOT−6
O SUFFIX
CASE 419AF
PIN CONFIGURATIONS
6−Pin TSOT−23 Package
(Top View)
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
VSS
ModOUT
VDD
XOUT
PD
1
XIN / CLKIN
VDD = 3.3 V / 2.5 V
Supply Voltages
200 pS (Max)
Cycle−to−Cycle Jitter
45/55%
Output Duty Cycle
FIN/256
Modulation Rate Equation
−1.25% (Typ)
@ 10 MHz
Frequency Deviation
Description
Specification
KEY SPECIFICATIONS
SOIC−8
S SUFFIX
CASE 751BD
TSSOP−8
T SUFFIX
CASE 948AL
8−Pin SOIC and TSSOP Packages
(Top View)
1
VSS
ModOUT
VDD
XOUT
PD
XIN / CLKIN
NC
NC


Similar Part No. - ASM3I2762AG-08TR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3I2762AG-08TR ALSC-ASM3I2762AG-08TR Datasheet
180Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
PulseCore Semiconductor
ASM3I2762AG-08TR PULSECORE-ASM3I2762AG-08TR Datasheet
181Kb / 12P
   Low Power Peak EMI Reducing Solution
More results

Similar Description - ASM3I2762AG-08TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2598A PULSECORE-ASM3P2598A Datasheet
301Kb / 7P
   Low Power Peak EMI Reducing Solution
ASM3P2769A PULSECORE-ASM3P2769A Datasheet
190Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2779A PULSECORE-ASM3P2779A Datasheet
180Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2769A ONSEMI-ASM3P2769A Datasheet
128Kb / 9P
   Low Power Peak EMI Reducing Solution
August, 2011 ??Rev. 3
ASM3P2870A ONSEMI-ASM3P2870A Datasheet
128Kb / 10P
   Low Power Peak EMI Reducing Solution
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM3P2870A ALSC-ASM3P2870A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2869A ALSC-ASM3P2869A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
PulseCore Semiconductor
ASM3P2775A PULSECORE-ASM3P2775A Datasheet
369Kb / 10P
   Low Power Peak EMI Reducing Solution
ASM3P2872A PULSECORE-ASM3P2872A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2879A PULSECORE-ASM3P2879A Datasheet
179Kb / 12P
   Low Power Peak Reducing EMI Solution
ASM3P2969A PULSECORE-ASM3P2969A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com