Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3I2759AG-08SR Datasheet(PDF) 4 Page - ON Semiconductor

Part # ASM3I2759AG-08SR
Description  Low Power Peak EMI Reducing Solution
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3I2759AG-08SR Datasheet(HTML) 4 Page - ON Semiconductor

  ASM3I2759AG-08SR Datasheet HTML 1Page - ON Semiconductor ASM3I2759AG-08SR Datasheet HTML 2Page - ON Semiconductor ASM3I2759AG-08SR Datasheet HTML 3Page - ON Semiconductor ASM3I2759AG-08SR Datasheet HTML 4Page - ON Semiconductor ASM3I2759AG-08SR Datasheet HTML 5Page - ON Semiconductor ASM3I2759AG-08SR Datasheet HTML 6Page - ON Semiconductor ASM3I2759AG-08SR Datasheet HTML 7Page - ON Semiconductor ASM3I2759AG-08SR Datasheet HTML 8Page - ON Semiconductor ASM3I2759AG-08SR Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ASM3P2759A
http://onsemi.com
4
Table 6. AC ELECTRICAL CHARACTERISTICS FOR 2.5 V SUPPLY
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN
Input frequency
3
5
MHz
ModOUT
Output frequency
3
5
MHz
fd
Frequency Deviation
Input Frequency = 3 MHz
±1
%
Input Frequency = 5 MHz
±0.6
tLH (Note 3)
Output rise time (measured from 0.7 V to 1.7 V)
0.5
1.0
1.2
nS
tHL (Note 3)
Output fall time (measured from 1.7 V to 0.7 V)
0.4
0.9
1.1
nS
tJC
Jitter (cycle−to−cycle)
200
pS
tD
Output duty cycle
45
50
55
%
3. tLH and tHL are measured into a capacitive load of 15 pF.
Table 7. DC ELECTRICAL CHARACTERISTICS FOR 3.3 V SUPPLY
(Test condition: All parameters are measured at room temperature (+25°C) unless otherwise stated.)
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS−0.3
0.8
V
VIH
Input high voltage
2.0
VDD+0.3
V
IIL
Input low current
−35
mA
IIH
Input high current
35
mA
IXOL
XOUT output low current (@ 0.4 V, VDD = 3.3 V)
3
mA
IXOH
XOUT output high current (@ 2.5 V, VDD = 3.3 V)
3
mA
VOL
Output low voltage (VDD = 3.3 V, IOL = 8 mA)
0.4
V
VOH
Output high voltage (VDD = 3.3 V, IOH = 8 mA)
2.5
V
IDD
Static supply current (Note 4)
10
mA
ICC
Dynamic supply current (3.3 V, 3 MHz and with no load)
2.5
mA
VDD
Operating Voltage
2.7
3.3
3.6
V
tON
Power−up time (first locked cycle after power−up) (Note 5)
5
mS
ZOUT
Output impedance
45
W
4. XIN / CLKIN and PD pin are pulled low.
5. VDD and XIN / CLKIN input are stable; PD pin is made high from low.
Table 8. AC ELECTRICAL CHARACTERISTICS FOR 3.3 V SUPPLY
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN
Input frequency
3
6
MHz
ModOUT
Output frequency
3
6
MHz
fd
Frequency Deviation
Input Frequency = 3 MHz
±1
%
Input Frequency = 6 MHz
±0.55
tLH (Note 6)
Output rise time (measured from 0.8 to 2.0 V)
0.4
1.0
1.2
nS
tHL (Note 6)
Output fall time (measured at 2.0 V to 0.8 V)
0.4
0.9
1.0
nS
tJC
Jitter (cycle−to−cycle)
200
pS
tD
Output duty cycle
45
50
55
%
6. tLH and tHL are measured into a capacitive load of 15 pF.


Similar Part No. - ASM3I2759AG-08SR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3I2759AG-08SR ALSC-ASM3I2759AG-08SR Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
PulseCore Semiconductor
ASM3I2759AG-08SR PULSECORE-ASM3I2759AG-08SR Datasheet
180Kb / 12P
   Low Power Peak EMI Reducing Solution
More results

Similar Description - ASM3I2759AG-08SR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2598A PULSECORE-ASM3P2598A Datasheet
301Kb / 7P
   Low Power Peak EMI Reducing Solution
ASM3P2769A PULSECORE-ASM3P2769A Datasheet
190Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2779A PULSECORE-ASM3P2779A Datasheet
180Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2769A ONSEMI-ASM3P2769A Datasheet
128Kb / 9P
   Low Power Peak EMI Reducing Solution
August, 2011 ??Rev. 3
ASM3P2870A ONSEMI-ASM3P2870A Datasheet
128Kb / 10P
   Low Power Peak EMI Reducing Solution
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM3P2870A ALSC-ASM3P2870A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2869A ALSC-ASM3P2869A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
PulseCore Semiconductor
ASM3P2775A PULSECORE-ASM3P2775A Datasheet
369Kb / 10P
   Low Power Peak EMI Reducing Solution
ASM3P2872A PULSECORE-ASM3P2872A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2879A PULSECORE-ASM3P2879A Datasheet
179Kb / 12P
   Low Power Peak Reducing EMI Solution
ASM3P2969A PULSECORE-ASM3P2969A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com