Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE1430M Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE1430M
Description  N-Channel 30-V MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1430M Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE1430M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1430M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1430M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1430M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1430M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1430M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1430M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ACE1430M
N-Channel 30-V MOSFET
VER 1.1
5
Typical Performance Characteristics
Qg - Total Gate Charge (nC)
TJ –Junction Temperature(°C)
7. Gate Charge
8. Normalized On-Resistance Vs
Junction Temperature
VDS Drain to Source Voltage (V)
t1 TIME (SEC)
9. Safe Operating Area
10. Single Pulse Maximum Power Dissipation
t1 TIME (sec)
11. Normalized Thermal Transient Junction to Ambient


Similar Part No. - ACE1430M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE140P68B ACE-ACE140P68B Datasheet
219Kb / 3P
   P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE140P68BYMH ACE-ACE140P68BYMH Datasheet
219Kb / 3P
   P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE14201B ACE-ACE14201B Datasheet
752Kb / 6P
   P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE14201T ACE-ACE14201T Datasheet
522Kb / 6P
   P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE1420M ACE-ACE1420M Datasheet
486Kb / 7P
   N-Channel 20-V MOSFET
VER 1.1
More results

Similar Description - ACE1430M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4356DY VISHAY-SI4356DY Datasheet
67Kb / 6P
   N-Channel 30-V MOSFET
Rev. B, 14-Apr-03
SI4874BDY VISHAY-SI4874BDY_17 Datasheet
164Kb / 8P
   N-Channel 30-V MOSFET
Rev. C, 06-Apr-09
logo
ACE Technology Co., LTD...
ACE7438M ACE-ACE7438M Datasheet
398Kb / 7P
   N-Channel 30-V MOSFET
VER 1.1
logo
Vishay Siliconix
SI4874BDY VISHAY-SI4874BDY_V01 Datasheet
162Kb / 8P
   N-Channel 30-V MOSFET
01-Jan-2022
SI4430BD VISHAY-SI4430BD_V01 Datasheet
166Kb / 8P
   N-Channel 30-V MOSFET
01-Jan-2022
logo
Nexperia B.V. All right...
PMPB100ENE NEXPERIA-PMPB100ENE Datasheet
321Kb / 15P
   30 V, N-channel MOSFET
26 April 2018
logo
ACE Technology Co., LTD...
ACE4410M ACE-ACE4410M Datasheet
368Kb / 7P
   N-Channel 30-V MOSFET
VER 1.1
ACE7402M ACE-ACE7402M Datasheet
391Kb / 7P
   N-Channel 30-V MOSFET
VER 1.1
ACE2308E ACE-ACE2308E Datasheet
381Kb / 6P
   N-Channel 30-V MOSFET
VER 1.1
logo
Vishay Siliconix
SI4430BDY VISHAY-SI4430BDY_V01 Datasheet
166Kb / 8P
   N-Channel 30-V MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com