Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFR16S Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SFR16S
Description  Standard Metal Film Leaded Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFR16S Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SFR16S_15 Datasheet HTML 2Page - Vishay Siliconix SFR16S_15 Datasheet HTML 3Page - Vishay Siliconix SFR16S_15 Datasheet HTML 4Page - Vishay Siliconix SFR16S_15 Datasheet HTML 5Page - Vishay Siliconix SFR16S_15 Datasheet HTML 6Page - Vishay Siliconix SFR16S_15 Datasheet HTML 7Page - Vishay Siliconix SFR16S_15 Datasheet HTML 8Page - Vishay Siliconix SFR16S_15 Datasheet HTML 9Page - Vishay Siliconix SFR16S_15 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SFR16S, SFR25, SFR25H
www.vishay.com
Vishay BCcomponents
Revision: 28-Oct-15
7
Document Number: 28722
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TESTS PROCEDURES AND REQUIREMENTS
All tests are carried out in accordance with the following
specifications:
• EN 60115-1, generic specification (includes tests)
The test and requirements table contains only the most
important tests. For the full test schedule refer to the
documents listed above.
The tests are carried out in accordance with IEC 60068-2-xx
test method and under standard atmospheric conditions in
accordance with IEC 60068-1, 5.3.
Unless otherwise specified the following values apply:
• Temperature: 15 °C to 35 °C
• Relative humidity: 45 % to 75 %
• Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar).
For performing some of the tests, the components are
mounted on a test board in accordance with IEC 60115-1,
4.31. In test procedures and requirements table, only the
tests and requirements are listed with reference to the
relevant clauses of IEC 60115-1 and IEC 60068-2-xx test
methods. A short description of the test procedure is also
given.
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS PERMISSIBLE CHANGE (
R
max.)
4.5
-
Resistance
-
± 5 %; ± 1 %
4.8
-
Temperature
coefficient
At (20 / -55 / 20) °C
and (20 / 155 / 20) °C
± 250 ppm/K; ± 100 ppm/K
4.12
-
Noise
IEC 60195
< 68 k
68 k
 to
100 k
> 100 k
 to
1 M
> 1 M
SFR16S
≤ 0.1 μV/V
≤ 0.5 μV/V
≤ 1.5 μV/V
≤ 1.5 μV/V
SFR25,
SFR25H
≤ 0.1 μV/V
≤ 0.1 μV/V
≤ 0.1 μV/V
≤ 1.5 μV/V
4.13
-
Short time
overload
Room temperature;
U = 2.5 x or U = 2 x Umax.; 5 s
SFR16S,
SFR25
± (0.25 % R + 0.05
)
SFR25H
± (1 % R + 0.05
)
4.16
21 (Ua1)
21 (Ub)
21 (Uc)
Robustness of
terminations
Tensile, bending, and torsion
± (0.25 % R + 0.05
)
4.17
20 (Ta)
Solderability
at +235 °C; 2 s;
solder bath method;
SnPb40
Good tinning (≥ 95 % covered); no damage
at +245 °C; 3 s;
solder bath method;
SnAg3Cu0.5
4.18
20 (Tb)
Resistance to
soldering heat
Unmounted components
(260 ± 5) °C; (10 ± 1) s
± (0.25 % R + 0.05
)
4.19
14 (Na)
Rapid change of
temperature
30 min at -55 °C and
30 min at +155 °C;
5 cycles
± (0.25 % R + 0.05
)
4.20
29 (Eb)
Bump
3 x 1500 bumps in 3 directions;
40 g
± (0.25 % R + 0.05
); no damage
4.22
6 (Fc)
Vibration
10 sweep cycles per direction;
10 Hz to 2000 Hz
1.5 mm or 200 m/s2
± (0.25 % R + 0.05
); no damage
4.23
Climatic
sequence:
4.23.2
2 (Ba)
Dry heat
155 °C; 16 h
4.23.3
30 (Db)
Damp heat,
cyclic
55 °C; 24 h;
90 % to 100 % RH; 1 cycle
4.23.4
1 (Aa)
Cold
-55 °C; 2 h
4.23.5
13 (M)
Low air pressure
8.5 kPa; 2 h; 15 °C to 35 °C
4.23.6
30 (Db)
Damp heat,
cyclic
55 °C; 5 days;
95 % to 100 % RH; 5 cycles
SFR16S,
SFR25,
SFR25H
± (1 % R + 0.05
); no visible damage
± (1 % R + 0.05
); no visible damage
± 2 % R; no visible damage
4.23.7
DC load
apply rated power for 1 min


Similar Part No. - SFR16S_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFR16S ETC1-SFR16S Datasheet
349Kb / 15P
   Standard metal film resistors
SFR16S ETC-SFR16S Datasheet
693Kb / 12P
   Standard metal film resistors
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
SFR16S VISHAY-SFR16S Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
More results

Similar Description - SFR16S_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
PR01000104708JR500 VISHAY-PR01000104708JR500 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
PR01 VISHAY-PR01_15 Datasheet
193Kb / 20P
   Power Metal Film Leaded Resistors
Revision: 10-Sep-15
MBASMA0204 VISHAY-MBASMA0204 Datasheet
184Kb / 15P
   Professional Metal Film Leaded Resistors
01-Jan-2022
PR01 VISHAY-PR01_V01 Datasheet
220Kb / 20P
   Power Metal Film Leaded Resistors
01-Jan-2022
logo
List of Unclassifed Man...
MFR0318 ETC-MFR0318 Datasheet
1Mb / 2P
   PRECISION METAL FILM LEADED RESISTORS
logo
Vishay Siliconix
PR02000203000JR500 VISHAY-PR02000203000JR500 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
28729 VISHAY-28729 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
PR02000201008JA100 VISHAY-PR02000201008JA100 Datasheet
209Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 24-Jun-13
logo
KOA Speer Electronics, ...
LF14CTTA1000D KOA-LF14CTTA1000D Datasheet
234Kb / 2P
   radial metal film leaded resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com