Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMM0102 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SMM0102
Description  Thin Film Micro-MELF Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMM0102 Datasheet(HTML) 4 Page - Vishay Siliconix

  SMM0102_15 Datasheet HTML 1Page - Vishay Siliconix SMM0102_15 Datasheet HTML 2Page - Vishay Siliconix SMM0102_15 Datasheet HTML 3Page - Vishay Siliconix SMM0102_15 Datasheet HTML 4Page - Vishay Siliconix SMM0102_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 20003
For technical questions, contact: melf@vishay.com
www.vishay.com
Revision: 16-Aug-11
29
SMM0102
Thin Film Micro-MELF Resistors
Vishay Draloric
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
150
125
100
75
70
50
25
0
- 25
- 55
0
20
40
60
80
100
120
Ambient Temperature in °C
Derating
TEST PROCEDURES AND REQUIREMENTS
TEST
CONDITIONS OF TEST
REQUIREMENTS PERMISSIBLE CHANGE (
R)
< 221 k
> 221 k
Endurance test at 70 °C
IEC 60115-1, 4.25.1
1000 h at 70 °C, 1.5 h “on”, 0.5 h “off”
8000 h at 70 °C, 1.5 h “on”, 0.5 h “off”
± 0.25 % R
± 0.5 % R
± 0.5 % R
± 1 % R
Endurance at UCT
IEC 60115-1, 4.25.3
1000 h at 125 °C without load
± 0.25 % R
± 1 % R
Overload test
IEC 60115-1, 4.13
Short time overload for 2 s
at 6.25 x rated power
± 0.1 % R
± 0.15 % R
Thermal shock
IEC 60115-1, 4.19 and IEC 60068-2-14
Rapid change between LCT = - 55 °C
and UCT = 125 °C, 5 cycles
± 0.1 % R
± 0.15 % R
Damp heat steady state
IEC 60115-1, 4.24 and IEC 60068-2-78
56 days at 40 °C and 93 %
relative humidity
± 0.5 % R
± 1 % R
Resistance to soldering heat
IEC 60115-1, 4.18 and IEC 60068-2-58
10 s at 260 °C solder bath temperature
± 0.1 % R
± 0.25 % R
APPLICABLE SPECIFICATIONS
• EN 60115-1
Generic specification
• EN 140400
Sectional specification
• EN 140401-803
Detail specification
• IEC 60068-2-x
Variety of environmental test procedures
• IEC 60286-3
Packaging of SMD components


Similar Part No. - SMM0102_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMM0102 VISHAY-SMM0102_11 Datasheet
180Kb / 5P
   Thin Film Micro-MELF Resistors
Revision: 16-Aug-11
More results

Similar Description - SMM0102_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMM0102 VISHAY-SMM0102_11 Datasheet
180Kb / 5P
   Thin Film Micro-MELF Resistors
Revision: 16-Aug-11
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
   Thin Film MELF Resistors
01-Jan-2022
SMM0207 VISHAY-SMM0207_15 Datasheet
149Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
SMM0204 VISHAY-SMM0204_11 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
logo
Vishay Telefunken
MMU-0102 TFUNK-MMU-0102 Datasheet
205Kb / 14P
   Professional Thin Film MELF Resistors
logo
Vishay Siliconix
SMM0204 VISHAY-SMM0204_V01 Datasheet
188Kb / 13P
   Thin Film Mini-MELF Resistors
01-Jan-2022
SMM02040C1961FB300 VISHAY-SMM02040C1961FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
OMM02040000000B300 VISHAY-OMM02040000000B300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
MMA02040C4993FB300 VISHAY-MMA02040C4993FB300 Datasheet
197Kb / 13P
   Professional Thin Film MELF Resistors
Revision: 15-May-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com