Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNPWE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TNPWE3
Description  High Stability Thin Film Flat Chip Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPWE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  TNPWE3 Datasheet HTML 1Page - Vishay Siliconix TNPWE3 Datasheet HTML 2Page - Vishay Siliconix TNPWE3 Datasheet HTML 3Page - Vishay Siliconix TNPWE3 Datasheet HTML 4Page - Vishay Siliconix TNPWE3 Datasheet HTML 5Page - Vishay Siliconix TNPWE3 Datasheet HTML 6Page - Vishay Siliconix TNPWE3 Datasheet HTML 7Page - Vishay Siliconix TNPWE3 Datasheet HTML 8Page - Vishay Siliconix TNPWE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TNPW e3
www.vishay.com
Vishay
Revision: 27-Feb-15
1
Document Number: 28758
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Stability Thin Film Flat Chip Resistors
TNPW e3 precision thin film flat chip resistors are the perfect
choice for most fields of modern electronics where highest
reliability and stability is of major concern. Typical
applications include test and measuring equipment, medical
equipment, industrial, and automotive.
FEATURES
• Superior moisture resistivity (85 °C; 85 % RH)
• Excellent
overall
stability
at
different
environmental conditions
 0.05 % (1000 h
rated power at 70 °C)
• AEC-Q200 qualified (sizes 0402 to 1206)
• Single lot date code (optional)
• Sulfur resistance verified according to ASTM B 809
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Test and measuring equipment
• Medical equipment
• Industrial equipment
• Automotive
Notes
(1) The detail specification EN 140401-801 does not cover this product size.
(2) Please refer to APPLICATION INFORMATION, see next page.
TECHNICAL SPECIFICATIONS
DESCRIPTION
TNPW0402 e3
TNPW0603 e3
TNPW0805 e3
TNPW1206 e3
TNPW1210 e3 (1)
Imperial size
0402
0603
0805
1206
1210
Metric size code
RR1005M
RR1608M
RR2012M
RR3216M
RR3225M
Resistance range
10
 to 100 k
4.7
 to 332 k
4.7
 to 1 M
4.7
 to 2 M
10
 to 3.01 M
Resistance tolerance
± 1 %; ± 0.5 %; ± 0.1 %
Temperature coefficient
± 50 ppm/K; ± 25 ppm/K; ± 15 ppm/K; ± 10 ppm/K
Rated dissipation, P70 (2)
0.063 W
0.1 W
0.125 W
0.25 W
0.33 W
Operating voltage, Umax. ACRMS or DC
50 V
75 V
150 V
200 V
200 V
Permissible film temperature,
F max.
(2)
155 °C
Operating temperature range
-55 °C to 125 °C (155 °C)
Insulation voltage:
1 min; Uins
75 V
100 V
200 V
300 V
300 V
Continuous
75 V
75 V
75 V
75 V
75 V
Failure rate: FITobserved
 0.1 x 10-9/h


Similar Part No. - TNPWE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPWE3 VISHAY-TNPWE3 Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPWE3 VISHAY-TNPWE3 Datasheet
340Kb / 14P
   High Stability Thin Film Flat Chip Resistors
01-Jan-2022
TNPWE3 VISHAY-TNPWE3 Datasheet
313Kb / 14P
   High Stability Thin Film Flat Chip Resistors
23-Sep-2021
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPWE3 VISHAY-TNPWE3_V02 Datasheet
340Kb / 14P
   High Stability Thin Film Flat Chip Resistors
01-Jan-2022
More results

Similar Description - TNPWE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW_E3 VISHAY-TNPW_E3 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW120654K9BEEA VISHAY-TNPW120654K9BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW06039K09BEEA VISHAY-TNPW06039K09BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW VISHAY-TNPW_V01 Datasheet
313Kb / 14P
   High Stability Thin Film Flat Chip Resistors
23-Sep-2021
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 12-May-16
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW06035K36BEEA VISHAY-TNPW06035K36BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0805100KBEEA VISHAY-TNPW0805100KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW08053K32BEEN VISHAY-TNPW08053K32BEEN Datasheet
148Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 05-Feb-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com