Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1256 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1256
Description  Low Power Offline PWM Current Mode Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1256 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1256 Datasheet HTML 1Page - ON Semiconductor NCP1256 Datasheet HTML 2Page - ON Semiconductor NCP1256 Datasheet HTML 3Page - ON Semiconductor NCP1256 Datasheet HTML 4Page - ON Semiconductor NCP1256 Datasheet HTML 5Page - ON Semiconductor NCP1256 Datasheet HTML 6Page - ON Semiconductor NCP1256 Datasheet HTML 7Page - ON Semiconductor NCP1256 Datasheet HTML 8Page - ON Semiconductor NCP1256 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
NCP1256
www.onsemi.com
3
1
2
3
6
4
5
NCP1256
Vbulk
.
.
OPP
adjust
Vout
Figure 3. Typical Application Example – OVP is Latched on Vcc, OTP Latched on CS
Table 1. PIN DESCRIPTIONS
Pin No
Pin Name
Function
Pin Description
1
GND
The controller ground.
2
FB
Feedback pin
Hooking an optocoupler collector to this pin will allow regulation.
3
BO/OVP
Adjust the BO level
Latch input
A voltage below the programmed level stops the controller. When
above, the controller can start. When the pin is brought above
4.5 V for four consecutive clock cycles, the part latches off. With
the E version, an auto−recovery ac line OVP is available through
this pin.
4
CS
Current sense + OPP adjustment
Latch input
This pin monitors the primary peak current but also offers a
means to introduce over power compensation. When the pin is
brought above 1.5 V during the off time, the part permanently
latches off.
5
Vcc
Supplies the controller –
protects the IC
This pin is connected to an external auxiliary voltage. An OVP
comparator monitors this pin and offers a means to latch the con-
verter in fault conditions.
6
DRV
Driver output
The driver’s output to an external MOSFET gate.
Table 2. OPTIONS
Controller
Frequency
OCP
OVP on BO
OVP/OTP
CS
OVP
Vcc
NCP1256ASN65T1G
65 kHz
Latched
Latched
Latched
Latched
NCP1256BSN65T1G
65 kHz
Auto−recovery
Latched
Latched
Latched
NCP1256ASN100T1G
100 kHz
Latched
Latched
Latched
Latched
NCP1256BSN100T1G
100 kHz
Auto−recovery
Latched
Latched
Latched
NCP1256ESN65T1G
65 kHz
Auto−recovery
Auto−recovery
Auto−recovery
Auto−recovery


Similar Part No. - NCP1256

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1256 ONSEMI-NCP1256 Datasheet
597Kb / 25P
   Low Power Offline PWM Current Mode Controller with Brown-Out Protection
December, 2020 - Rev. 6
NCP1256ASN100T1G ONSEMI-NCP1256ASN100T1G Datasheet
597Kb / 25P
   Low Power Offline PWM Current Mode Controller with Brown-Out Protection
December, 2020 - Rev. 6
NCP1256ASN65T1G ONSEMI-NCP1256ASN65T1G Datasheet
597Kb / 25P
   Low Power Offline PWM Current Mode Controller with Brown-Out Protection
December, 2020 - Rev. 6
NCP1256BSN100T1G ONSEMI-NCP1256BSN100T1G Datasheet
597Kb / 25P
   Low Power Offline PWM Current Mode Controller with Brown-Out Protection
December, 2020 - Rev. 6
NCP1256BSN65T1G ONSEMI-NCP1256BSN65T1G Datasheet
597Kb / 25P
   Low Power Offline PWM Current Mode Controller with Brown-Out Protection
December, 2020 - Rev. 6
More results

Similar Description - NCP1256

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1361 ONSEMI-NCP1361 Datasheet
357Kb / 26P
   Low Power Offline Constant Current PWM Current-Mode Controller
October, 2015 ??Rev. 1
NCP1360 ONSEMI-NCP1360 Datasheet
375Kb / 29P
   Low Power Offline Constant Current & Constant Voltage PWM Current-Mode Controller
October, 2015 ??Rev. 1
NCP1250 ONSEMI-NCP1250_V01 Datasheet
433Kb / 25P
   PWM Controller, Current Mode, for Offline Power Supplies
April, 2015 - Rev. 10
NCP1256 ONSEMI-NCP1256_V01 Datasheet
597Kb / 25P
   Low Power Offline PWM Current Mode Controller with Brown-Out Protection
December, 2020 - Rev. 6
NCP1360 ONSEMI-NCP1360_16 Datasheet
373Kb / 29P
   Low Power Offline Constant Current & Constant Voltage Primary Side PWM Current-Mode Controller
June, 2016 ??Rev. 3
NCP1361 ONSEMI-NCP1361_V01 Datasheet
584Kb / 29P
   Low Power Offline Constant Current PWM Current-Mode Controller with/without High Voltage Startup Current Source
February, 2018 - Rev. 3
logo
Texas Instruments
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com