Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1587GDR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1587GDR2G
Description  Low Voltage Synchronous Buck Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1587GDR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1587GDR2G Datasheet HTML 7Page - ON Semiconductor NCP1587GDR2G Datasheet HTML 8Page - ON Semiconductor NCP1587GDR2G Datasheet HTML 9Page - ON Semiconductor NCP1587GDR2G Datasheet HTML 10Page - ON Semiconductor NCP1587GDR2G Datasheet HTML 11Page - ON Semiconductor NCP1587GDR2G Datasheet HTML 12Page - ON Semiconductor NCP1587GDR2G Datasheet HTML 13Page - ON Semiconductor NCP1587GDR2G Datasheet HTML 14Page - ON Semiconductor NCP1587GDR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NCP1587G
http://onsemi.com
11
Blue curve: Gain-Frequency
Red curve: Gain-Frequency
(Phase margin = 61.417 degree, Gain margin = 9.347 dB)
Figure 13. Closed-loop Voltage Loop-gain of the NCP1587G
DESIGN EXAMPLE II: Type III Compensation
(Oscon Cap. with small ESR; Do not place RC, CC, CP)
Switching Frequency
Fsw = 275 KHz
Output Capacitance
RESR = 7 mW/Each
Output Capacitance
Cout = 2×560 mF
Output Inductance
Lout = 1 mH
Input Voltage
Vin = 12 V
Output Voltage
Vout = 1.6 V
Choose the loop gain crossover frequency;
Fco + 15 Fsw + 55 KHz
The corner frequency of the output filter is calculated below;
FLC +
1
2
p
1 mH
1120 mF
+ 4.7 KHz
Check the ESR zero frequency;
FESR +
1
2
p
RESR CO
FESR +
1
2
p
7mW
560 mF +
40.6 KHz
Choose CC1 for the soft start
CC1 + 33 nF
The compensation capacitor (CC1) is related to the loop
gain magnitude, one zero position and the soft start. By
adjusting the value of this compensation capacitor, the
crossover frequency and the soft start time can be adjusted.
Zeros of the compensation network are calculated as follows;
1st zero;
FZ1 +
FLC
10 +
470 Hz
RC1 +
1
2
p
Fz1 CC1
+
1
2
p
470 Hz
30 nF +
11.3 kW
RC1 should be much larger than 2/gm in order to get the
stable system with transconductance amplifier.
Ù choose
RC1 = 12.1 kW
2nd zero;
Choose R3 for the crossover frequency. R3 should be
much larger than 2/gm for the stable system.
R3 + 10 kW
Fz2 + FLC + 4.7 KHz
C20 +
1
2
p
Fz2 R3
+
1
2
p
4.7 KHz
10 kW +
3.4 nF
Choose C20 = 3.3 nF
Poles of the compensation network are calculated as follows;
1st pole;
Choose R4 to cancel the output capacitor ESR zero.
FP1 + FESR + 40.6 KHz
R4 +
1
2
p
FP1 C20
+
1
2
p
40.6 kHz
3.3 n +
1.2 kW


Similar Part No. - NCP1587GDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1587 ONSEMI-NCP1587 Datasheet
582Kb / 16P
   Low Voltage Synchronous Buck Controller
February, 2009 ??Rev. 2
NCP1587A ONSEMI-NCP1587A Datasheet
582Kb / 16P
   Low Voltage Synchronous Buck Controller
February, 2009 ??Rev. 2
NCP1587ADR2G ONSEMI-NCP1587ADR2G Datasheet
582Kb / 16P
   Low Voltage Synchronous Buck Controller
February, 2009 ??Rev. 2
NCP1587ADR2G ONSEMI-NCP1587ADR2G Datasheet
413Kb / 16P
   Low Voltage Synchronous Buck Controller
May, 2012 ??Rev. 5
NCP1587DR2G ONSEMI-NCP1587DR2G Datasheet
582Kb / 16P
   Low Voltage Synchronous Buck Controller
February, 2009 ??Rev. 2
More results

Similar Description - NCP1587GDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com