Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1589D Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1589D
Description  Low Voltage Synchronous Buck Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1589D Datasheet(HTML) 6 Page - ON Semiconductor

  NCP1589D Datasheet HTML 1Page - ON Semiconductor NCP1589D Datasheet HTML 2Page - ON Semiconductor NCP1589D Datasheet HTML 3Page - ON Semiconductor NCP1589D Datasheet HTML 4Page - ON Semiconductor NCP1589D Datasheet HTML 5Page - ON Semiconductor NCP1589D Datasheet HTML 6Page - ON Semiconductor NCP1589D Datasheet HTML 7Page - ON Semiconductor NCP1589D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NCP1589D
http://onsemi.com
6
APPLICATIONS INFORMATION
Overcurrent Protection (OCP)
The NCP1589D monitors the voltage across the low side
MOSFET and used this information to determine if there is
excessive output current. The voltage across the low side
MOSFET is measured from the LX pin when it is conducted,
and is referenced to ground. The overcurrent measurement
is timed to occur at the end of the low side MOSFET
conduction period.
If the voltage drop across the bottom MOSFET exceeds
the overcurrent protection threshold, then an internal
counter is triggered and incremented. If the voltage drop
does not exceed the threshold for the next cycle, the internal
counter will be reset. The NCP1589D will latch the over
current protection fault condition after 4 consecutive cycles
of overcurrent events.
When the NCP1589D latches an overcurrent protection
fault, both the high side and low side MOSFETs are turned
off. To reset the overcurrent protection fault, the power to the
VCC pin must be cycled.
The overcurrent threshold can be set externally, by
varying the ROCSET resistor shunted from low side gate pin
to ground. During power on reset, after the VCC and BOOT
pins both pass the undervoltage lockout threshold, the
NCP1589D will source a 10
mA current from LG pin through
the ROCSET resistor and produce a voltage. This voltage will
be sampled and locked by the device as the overcurrent
protection threshold. For example, if ROCSET is set to 10 kW,
the 10
mA of current will yield a 100 mV threshold, and if
the voltage across the low side MOSFET exceeds 100 mV
at the end of the its conduction period, an overcurrent event
will be detected. The OCP threshold is only associated with
power on reset, and won’t be wiped out by pulling COMP
pin down (disabling the part).
If the ROCSET resistor is not present, the overcurrent
protection threshold will max out at 640 mV. The
recommended range for ROCSET is 5 kW to 60 kW which
yields a threshold voltage range of 50 mV to 600 mV.
Internal Soft−Start
To prevent excess inrush current during startup, the
NCP1589D uses a calibrated current source with an internal
soft−start capacitor to ramp the reference voltage from 0 V
to 800 mV over a period of around 4 ms. The soft−start ramp
generator will reset if the input power supply voltages reach
the undervoltage lockout threshold, or if the NCP1589D is
disabled by having the COMP pin pulled low.
Startup into a Precharged Load
During a startup, the NCP1589D will detect the residual
charge on the output capacitors. Instead of fully discharging
the capacitors, the soft−start will begin from the precharged
output voltage level. For example, if the NCP1589D is
configured to provide a regulated output voltage of 2.5 V, the
normal soft−start sequence will ramp the output voltage
from 0 to 2.5 V in 4.2 ms; however if the output capacitors
already has 1.2 V voltage, the NCP1589D will not discharge
the capacitors, instead the soft−start sequence will begin at
1.2 V and then ramp the output up to 2.5 V.
Power Good
The PGOOD pin is an open drain connection, with an
active high output to signal the condition of the converter.
PGOOD is pulled low during soft−start cycle, and if there is
overvoltage or undervoltage fault. If the voltage on the FB
pin is within
±10% of Vref (800 mV) then the PGOOD pin
will not be pulled low. The PGOOD pin does not have an
internal pull-up resistor.
Overvoltage Protection (OVP)
If the voltage on the FB pin exceeds the overvoltage
threshold (1000 mV, 125% of Vref), the NCP1589D will
latch an overvoltage fault. During an overvoltage fault event
the UG pin will be pulled low, and the LG pin will stay high
until the voltage on the FB pin goes below Vref/2 (400 mV).
If the overvoltage fault condition stays, the NCP1589D will
continue drive the LG pin, LG will go high if FB exceeds
1000 mV, then go low when FB is below 400 mV. The power
of the NCP1589D needs to be cycled up to clear the
overvoltage fault.
Undervoltage Protection (UVP)
If the voltage on the FB pin falls below the undervoltage
threshold after the soft−start cycle completes, then the
NCP1589D will latch an undervoltage fault. During an
undervoltage fault, both the UG and LG pins will be pulled
low. Toggling power or COMP pin will reset the
undervoltage protection unit.
VORPM (RPM threshold)
The NCP1589D runs in RPM mode, its switching
frequency is controlled by COMP ripple voltage and RPM
threshold. The VORPM pin is connected to the output
voltage through an external divider. This voltage value is
proportional to the output voltage and sets the RPM
threshold voltage internally with input voltage information
obtained through the switch node. The internal RPM
threshold voltage (DTH) is a function of both Vout and Vin.
DTH +
Vout
R9
R10)R9
Vin
Vramp ) Voffset
(eq. 1)
Where R9/R10 (Figure 1) is the input voltage divider of
VORPM pin Vramp is the internal ramp amplitude, Voffset is
the offset voltage of the threshold.
Each time when COMP voltage exceeds RPM threshold
voltage, an internal ramp signal is started and UG is driven
high. When the internal ramp intercepts with COMP
voltage, the UG pin is reset low. The NCP1589D system
operates at pseudo-fixed frequency in continuous current


Similar Part No. - NCP1589D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP1589DMNTWG ONSEMI-NCP1589DMNTWG Datasheet
126Kb / 8P
   Low Voltage Synchronous Buck Controller with Light Load Efficiency and Transient Enhancement
July, 2011 ??Rev. 1
NCP1589DMNTWG ONSEMI-NCP1589DMNTWG Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
More results

Similar Description - NCP1589D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com