Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1589DMNTWG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1589DMNTWG
Description  Low Voltage Synchronous Buck Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1589DMNTWG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1589DMNTWG Datasheet HTML 1Page - ON Semiconductor NCP1589DMNTWG Datasheet HTML 2Page - ON Semiconductor NCP1589DMNTWG Datasheet HTML 3Page - ON Semiconductor NCP1589DMNTWG Datasheet HTML 4Page - ON Semiconductor NCP1589DMNTWG Datasheet HTML 5Page - ON Semiconductor NCP1589DMNTWG Datasheet HTML 6Page - ON Semiconductor NCP1589DMNTWG Datasheet HTML 7Page - ON Semiconductor NCP1589DMNTWG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NCP1589D
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (0°C < TA < 95°C; 4.5 V < [BOOT−LX] < 13.2 V, 4.5 V < BOOT < 30 V, 0 V < LX < 21 V,
CTG = CBG = 1.0 nF, for min/max values unless otherwise noted.)
Characteristic
Unit
Max
Typ
Min
Conditions
POWER GOOD INCLUDING OVP AND UVP THRESHOLD
Output Voltage
Logic Low, Sinking 4 mA
0.4
V
Overvoltage until PGOOD goes low
880
902
mV
Undervoltage until PGOOD goes low
698
720
mV
PGOOD High Upper Limit Hysteresis
16
mV
PGOOD High Lower Limit Hysteresis
16
mV
OVP Threshold to Part Disable
950
1000
1030
mV
UVP Threshold to Part Disable
570
600
630
mV
Power Good Delay (Note 1)
1.0
ms
ZERO CURRENT DETECTION (LX Pin)
Zero Current Detection Blank Timer after
TG < 1.0 V
LX > 50 mV, LG on time
200
250
350
ns
Capture Time for LX Voltage (Note 1)
Time to Capture LX Voltage Once LG is <
1.0 V
40
ns
ZERO CURRENT Vth ADJUSTMENT DETECTION (LX Pin)
Negative LX Detection Voltage
Vbdls
200
300
400
mV
Positive LX Detection Voltage
Vbdhs
0.2
0.5
1.0
V
Time for Vth Adjustment and Settling Time
300 kHz
3.0
3.7
ms
Zero Current Detection Blank Timer after
LG < 1.0 V (Note 1)
Blanking Time After LG is < 1.0 V
40
ns
Initial Negative Current Detection
Threshold Voltage Setpoint (Note 1)
LX−GND, Includes $2 mV Offset Range
−5.0
−3.0
−1.0
mV
Vth Adjustable Range (Note 1)
−16
0
15
mV
OVERCURRENT PROTECTION
OC Current Source
Sourced from LG pin, before SS
9.5
10
10.5
mA
OCP Programming Time
VCC > 4.5 V, Roscset = 60 kW
1.0
5.0
ms
1. Guaranteed by design but not tested in production.
Figure 3. Dead Time Definition
Ugate to Phase
Phase
1 V
Lgate
Tdead1
Tdead2


Similar Part No. - NCP1589DMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1589DMNTWG ONSEMI-NCP1589DMNTWG Datasheet
126Kb / 8P
   Low Voltage Synchronous Buck Controller with Light Load Efficiency and Transient Enhancement
July, 2011 ??Rev. 1
NCP1589DMNTWG ONSEMI-NCP1589DMNTWG Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
More results

Similar Description - NCP1589DMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com