Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81042MNTXG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP81042MNTXG
Description  Precise Low Voltage Synchronous Buck Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81042MNTXG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP81042MNTXG Datasheet HTML 4Page - ON Semiconductor NCP81042MNTXG Datasheet HTML 5Page - ON Semiconductor NCP81042MNTXG Datasheet HTML 6Page - ON Semiconductor NCP81042MNTXG Datasheet HTML 7Page - ON Semiconductor NCP81042MNTXG Datasheet HTML 8Page - ON Semiconductor NCP81042MNTXG Datasheet HTML 9Page - ON Semiconductor NCP81042MNTXG Datasheet HTML 10Page - ON Semiconductor NCP81042MNTXG Datasheet HTML 11Page - ON Semiconductor NCP81042MNTXG Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
NCP81042
http://onsemi.com
9
L
DCR
RS1
RS2
CS
CSP
CSN/VO
Figure 5. Differential Current Sense Network
Light Load Operation
In the light load condition, NCP81042 will work in a diode
emulation mode with bottom gate turning off if the inductor
current is below zero. The system therefore works in
discontinuous conduction mode (DCM). The zero current
detection is done by sensing switch node and automatically
adjusted to minimize the low side FET body diode
conduction time (right after LG turns off) in diode emulation
mode.
If the load reduces further, COMP signal will be close or
below the internal ramp bottom triggering minimum on time
operation, the system will start skipping pulses, working in
a reduced frequency range. NCP81042 has an internal
ultrasonic timer to keep the device from working in an audio
frequency and below. This timer initiates after high side gate
off signal and expires after ~30
ms.
Normally high side gate signal will reset this ultrasonic
timer repeatedly before it expires. In a very light load or load
release, if there is no high side gate pulses until the timer
expires, the low side MOSFET(s) will be forced to turn on
to discharge the output. Through properly compensated
network the comp signal will climb up to generate next burst
of switching pulses and the converter will regulate the
output voltage to its target level. This can last a few cycles
or continuously depending on the system load level.
In light load operation, if synchronization is enabled,
NCP81042 will also check the SYNC pin input signal cycle
by cycle. If the external sync signal is within the
synchronization frequency range, the NCP81042 will
interleave its switching pulses with it after a proper delay. In
this way, the ripple variation during transition between the
discontinuous and continuous current mode can be
minimized.
Voltage Feedback
The NCP81042 allow the output voltage to be adjusted
from 0.8 V to 5 V via an external resistor divider network
(R1, R2). The controller will regulate the output voltage to
maintain the FB pin voltage to 0.8 V reference voltage. The
relation between the resistor divider network and the output
voltage is as below;
R2 + R1 @
0.8 V
Vout * 0.8 V
VOUT
VFB
R1
R2
Figure 6. Feedback Voltage


Similar Part No. - NCP81042MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
   Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
NCP81044 ONSEMI-NCP81044 Datasheet
409Kb / 16P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP81044DR2G ONSEMI-NCP81044DR2G Datasheet
409Kb / 16P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP81045MNTXG ONSEMI-NCP81045MNTXG Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
More results

Similar Description - NCP81042MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81147 ONSEMI-NCP81147 Datasheet
117Kb / 12P
   Precise Low Voltage Synchronous Buck Controller
August, 2014 ??Rev. 0
NCP81147 ONSEMI-NCP81147_16 Datasheet
114Kb / 12P
   Precise Low Voltage Synchronous Buck Controller
August, 2016 ??Rev. 1
NCP81230H ONSEMI-NCP81230H Datasheet
109Kb / 12P
   Precise Low Voltage Synchronous Buck Controller
September, 2014 ??Rev. P1
NCP5230MNTWG ONSEMI-NCP5230MNTWG Datasheet
158Kb / 12P
   Precise Low Voltage Synchronous Buck
January, 2013 ??Rev. 1
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com