Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81046MNTWG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP81046MNTWG
Description  Low Voltage Synchronous Buck Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81046MNTWG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP81046MNTWG Datasheet HTML 1Page - ON Semiconductor NCP81046MNTWG Datasheet HTML 2Page - ON Semiconductor NCP81046MNTWG Datasheet HTML 3Page - ON Semiconductor NCP81046MNTWG Datasheet HTML 4Page - ON Semiconductor NCP81046MNTWG Datasheet HTML 5Page - ON Semiconductor NCP81046MNTWG Datasheet HTML 6Page - ON Semiconductor NCP81046MNTWG Datasheet HTML 7Page - ON Semiconductor NCP81046MNTWG Datasheet HTML 8Page - ON Semiconductor NCP81046MNTWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NCP81046
http://onsemi.com
5
TYPICAL CHARACTERISTICS
303
010
70
TJ, JUNCTION TEMPERATURE (°C)
302
301
300
299
Figure 3. Oscillator Frequency (FSW) vs.
Temperature
543
542
541
540
539
0
20
406080
TJ, JUNCTION TEMPERATURE (°C)
020
40
60
80
TJ, JUNCTION TEMPERATURE (°C)
5.3
5.0
4.7
4.4
3.5
Figure 4. Reference Voltage (Vref) vs.
Temperature
Figure 5. ICC vs. Temperature
3.8
4.1
VCC = 12 V
Figure 6. OCP Threshold at 55k vs. Temperature
808
040
80
TJ, JUNCTION TEMPERATURE (°C)
806
804
802
800
798
796
794
792
VCC = 5 V
20
30
40
50
60
20
60


Similar Part No. - NCP81046MNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
   Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
NCP81042 ONSEMI-NCP81042 Datasheet
189Kb / 12P
   Precise Low Voltage Synchronous Buck Controller
August, 2012 ??Rev. P0
NCP81042MNTXG ONSEMI-NCP81042MNTXG Datasheet
189Kb / 12P
   Precise Low Voltage Synchronous Buck Controller
August, 2012 ??Rev. P0
NCP81044 ONSEMI-NCP81044 Datasheet
409Kb / 16P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP81044DR2G ONSEMI-NCP81044DR2G Datasheet
409Kb / 16P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
More results

Similar Description - NCP81046MNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com