Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE2302B Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE2302B
Description  NCE N-Channel Enhancement Mode Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE2302B Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE2302B Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2302B Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2302B Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2302B Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2302B Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2302B Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2302B Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
1
NCE2302B
Pb Free Product
http://www.ncepower.com
NCE N-Channel Enhancement Mode Power MOSFET
Description
The NCE2302B uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as 2.5V. This device is suitable for use as a
Battery protection or in other Switching application.
General Features
VDS = 20V,ID = 3.3A
RDS(ON) < 60mΩ @ VGS=2.5V
RDS(ON) < 45mΩ @ VGS=4.5V
High power and current handing capability
Lead free product is acquired
Surface mount package
Application
Battery protection
Load switch
Power management
Schematic diagram
Marking and pin assignment
SOT-23 top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
2302B
NCE2302B
SOT-23
Ø180mm
8 mm
3000 units
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
Drain Current-Continuous
ID
3.3
A
Drain Current-Pulsed
(Note 1)
IDM
16
A
Maximum Power Dissipation
PD
0.9
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note 2)
RθJA
139
/W
Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
20
22
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V,VGS=0V
-
-
1
μA


Similar Part No. - NCE2302B

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE2302C NCEPOWER-NCE2302C Datasheet
261Kb / 7P
   N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302_14 Datasheet
278Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - NCE2302B

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE3008M NCEPOWER-NCE3008M Datasheet
273Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8050 NCEPOWER-NCE8050 Datasheet
358Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8205 NCEPOWER-NCE8205_14 Datasheet
449Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8580 NCEPOWER-NCE8580 Datasheet
349Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8580D NCEPOWER-NCE8580D Datasheet
359Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com