Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44345 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44345
Description  2.4mm Male Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44345 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44345 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44345 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44345 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
2.4mm Male
Connector Interface Type
PE-SR405AL,PE-SR405FL,RG405
Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 50
Impedance, Ohms
50
Maximum VSWR
1.3:1
Mechanical Specifications
Size
Length, in [mm]
0.95 [24.13]
Width/Dia., in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
2.4mm Male
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
ASTM A380
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A380
Dielectric Type
Noryl
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 2.4mm Male Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL,
RG405 PE44345
PE44345
PE44345 REV 1.1
2.4mm Male Connector Clamp/Solder Attachment
For PE-SR405AL, PE-SR405FL, RG405


Similar Part No. - PE44345

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4434 PASTERNACK-PE4434 Datasheet
121Kb / 1P
   N MAELE SOLDER/CLAMP FOR RG401 PE-SR401AL & PE-SR401FL
PE4434 PASTERNACK-PE4434 Datasheet
411Kb / 2P
   N Male Connector Clamp/Solder Attachment
PE44340 PASTERNACK-PE44340 Datasheet
247Kb / 2P
   SMA Female Connector Compression Attachment 2 Hole Flange Stub Terminal, .481 inch Hole Spacing
PE44341 PASTERNACK-PE44341 Datasheet
371Kb / 3P
   SMA Female Precision Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal, .481 inch Hole Spacing
PE44342 PASTERNACK-PE44342 Datasheet
343Kb / 3P
   SMA Female Precision Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results

Similar Description - PE44345

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44215 PASTERNACK-PE44215 Datasheet
271Kb / 2P
   2.4mm Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4142 PASTERNACK-PE4142 Datasheet
104Kb / 1P
   TNC MALE, SOLDER/CLAMP ATTACHMENT FOR RG405, PE-SR405AL & PE-SR405FL
PE4982 PASTERNACK-PE4982 Datasheet
280Kb / 2P
   3.5mm Male Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44216 PASTERNACK-PE44216 Datasheet
376Kb / 3P
   2.4mm Female Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE44336 PASTERNACK-PE44336 Datasheet
261Kb / 3P
   1.85mm Male Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44495 PASTERNACK-PE44495 Datasheet
209Kb / 2P
   QMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4649 PASTERNACK-PE4649 Datasheet
231Kb / 3P
   TNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4361 PASTERNACK-PE4361 Datasheet
298Kb / 2P
   SMC JACK CONNECTOR CLAMP/SOLDER ATTACHMENT FOR PE-SR405AL, PE-SR405FL,RG405
PE44796 PASTERNACK-PE44796 Datasheet
216Kb / 2P
   2.92mm Male Precision Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE4672 PASTERNACK-PE4672 Datasheet
125Kb / 1P
   REVERSE POLARITY TNC MALE SOLDER/CLAMP ATTACHMENT FOR RG405, PE-SR405AL & PE-SR405FL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com