Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44494 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE44494
Description  Mini SMP Female Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44494 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE44494 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44494 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44494 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
PE44494 REV 1.1
Mini SMP Female Right Angle Connector Solder Attachment
For PE-SR405AL, PE-SR405FL, RG405
PE44494
CAD Drawing


Similar Part No. - PE44494

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4449 PASTERNACK-PE4449 Datasheet
209Kb / 2P
   TNC Male Connector Clamp - Solder Attachment For PE-B400, PE-B405, PE-C400
PE4449 PASTERNACK-PE4449 Datasheet
321Kb / 3P
   TNC Male Connector Clamp/Solder Attachment
PE44490 PASTERNACK-PE44490 Datasheet
267Kb / 3P
   Mini SMP Male Connector Solder Attachment End Launch PCB
PE44491 PASTERNACK-PE44491 Datasheet
231Kb / 3P
   Mini SMP Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44492 PASTERNACK-PE44492 Datasheet
239Kb / 3P
   Mini SMP Female Connector Solder Attachment
More results

Similar Description - PE44494

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44275 PASTERNACK-PE44275 Datasheet
232Kb / 3P
   SMP Female Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44972 PASTERNACK-PE44972 Datasheet
375Kb / 3P
   Mini SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL
PE44974 PASTERNACK-PE44974 Datasheet
364Kb / 3P
   Mini SMP Female Connector Solder Attachment for RG405, PE-SR405FL
PE44786 PASTERNACK-PE44786 Datasheet
479Kb / 2P
   SMP Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405/U
PE44387 PASTERNACK-PE44387 Datasheet
225Kb / 3P
   SSMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44272 PASTERNACK-PE44272 Datasheet
218Kb / 2P
   SMP Female Connector Solder Attachment For PE-SR405AL,PE-SR405FL RG405, 18 GHz Version
PE4116 PASTERNACK-PE4116 Datasheet
213Kb / 2P
   SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44772 PASTERNACK-PE44772 Datasheet
269Kb / 3P
   SMP Female Right Angle Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE45248 PASTERNACK-PE45248 Datasheet
369Kb / 4P
   SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE44384 PASTERNACK-PE44384 Datasheet
222Kb / 3P
   SSMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com