Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL6679TP1N Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SL6679TP1N
Description  Direct Conversion FSK Data Receiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL6679TP1N Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SL6679TP1N Datasheet HTML 1Page - Mitel Networks Corporation SL6679TP1N Datasheet HTML 2Page - Mitel Networks Corporation SL6679TP1N Datasheet HTML 3Page - Mitel Networks Corporation SL6679TP1N Datasheet HTML 4Page - Mitel Networks Corporation SL6679TP1N Datasheet HTML 5Page - Mitel Networks Corporation SL6679TP1N Datasheet HTML 6Page - Mitel Networks Corporation SL6679TP1N Datasheet HTML 7Page - Mitel Networks Corporation SL6679TP1N Datasheet HTML 8Page - Mitel Networks Corporation SL6679TP1N Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SL6679
Direct Conversion FSK Data Receiver
Preliminary Information
The SL6679 is an advanced Direct Conversion FSK Data
Receiver for operation up to 450 MHz. The device integrates all
functions to convert a binary FSK modulated RF signal into a
demodulated data stream.
Adjacent channel rejection is provided using tuneable gyrator
filters. RF and audio AGC functions assist operation when large
interfering signals are present and an automatic frequency control
(AFC) function is provided to extend centre frequency acceptance.
Supersedes September 1996 version, DS4410 - 1.5
DS4410 - 2.1 April 1998
Fig. 2 Block diagram of SL6679
+
+
1·0V
1·08V
4
f
DETECTOR
MIXER
LIMITER
AFC
LIMITER
MIX
DEC
BEC
VCC1 VCC2 GND VREF
3
5
12
9 10 13
7
6 8
29
4
20
11
22
2
18
26
27
21
31
30
19
14
15 16 28
23 17
1
32
24 25
FEATURES
s Very Low Power Operation from Single Cell
s Superior Sensitivity
s Operation at 512, 1200 and 2400 Baud
s On Chip 1 Volt Regulator
s 1mm Height Miniature Package
s Automatic Frequency Control Function
s Programmable Post Detection Filter
s AGC Detection Circuitry
s Power Down Function
s Battery Strength Indicator
APPLICATIONS
s Pagers, including Credit Card, PCMCIA and
Watch Pagers
s Low Data Rate Receivers, e.g. Security Systems
ORDERING INFORMATION
SL6679/KG/TP1N
1mm TQFP device, baked and dry
packed, supplied in trays
SL6679/KG/TP1Q
1mm TQFP device, baked and dry
packed, supplied in tape and reel
ABSOLUTE MAXIMUM RATINGS
Storage temperature
Operating temperature
Maximum voltage on any pin w.r.t. any
other pin, subject to the following conditions:
Current, pin 3 (MIXIP), pin 5 (MIXPB),
pin 12 (LOIPI) and pin 14 (LOIPB)
Most negative voltage on any pin
255
°C to1150°C
210
°C to155°C
14V
<5ma
20·5V w.r.t. gnd
Fig. 1 Pin identification diagram (top view). See Table 1 for
pin descriptions
1
2
3
4
5
6
7
8
IRF
GND
MIXIP A
MIX DEC
MIXIP B
REG CNT
VREG
TPI
9 10 11 1213 1415 16
32 31 30 29 28 27 26 25
24
23
22
21
20
19
18
17
AFC1
BATT FLAG
VCC2
DATA OP
BEC
AFC OP
VREF
TPQ
TP32
SL6679


Similar Part No. - SL6679TP1N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL6600C ETC1-SL6600C Datasheet
175Kb / 4P
   LOW POWER IF/AF PLL CIRCUIT FOR NARROW BAND FM
SL6601C ETC1-SL6601C Datasheet
427Kb / 6P
   FM IF, PLL DETECTOR (DOUBLE CONVERSION) AND RF MIXER
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6609AKG ZARLINK-SL6609AKG Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
More results

Similar Description - SL6679TP1N

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com