Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP513AID Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP513AID
Description  Temperature and Power Supply System Monitors
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP513AID Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP513AID Datasheet HTML 2Page - Texas Instruments TMP513AID Datasheet HTML 3Page - Texas Instruments TMP513AID Datasheet HTML 4Page - Texas Instruments TMP513AID Datasheet HTML 5Page - Texas Instruments TMP513AID Datasheet HTML 6Page - Texas Instruments TMP513AID Datasheet HTML 7Page - Texas Instruments TMP513AID Datasheet HTML 8Page - Texas Instruments TMP513AID Datasheet HTML 9Page - Texas Instruments TMP513AID Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
1
2
3
4
5
6
7
V
IN-
SDA
SCL
A0
V
IN+
V+
Filter C
DXP2
DXN1
DXP1
GPIO
ALERT
GND
DXN2
14
13
12
11
10
9
8
TMP512
V
IN+
V
IN
-
SDA
SCL
GPIO
DXN2
DXP2
DXN1
12
11
10
9
1
2
3
4
TMP512
TMP512
TMP513
SBOS491A
– JUNE 2010 – REVISED MAY 2011
www.ti.com
PIN CONFIGURATIONS
TMP512
space
D PACKAGE
RSA PACKAGE
SO-14
QFN-16
(TOP VIEW)
(TOP VIEW)
TMP512: PIN DESCRIPTIONS
RSA
D PACKAGE
PACKAGE
SO-16
QFN-16
NAME
DESCRIPTION
1
15
Filter C
Subregulator output and filter capacitor pin.
2
16
V+
Positive supply voltage (3V to 26V) See Figure 22.
3
1
VIN+
Positive differential shunt voltage. Connect to positive side of shunt resistor.
Negative differential shunt voltage. Connect to negative side of shunt resistor. Bus voltage is
4
2
VIN-
measured from this pin to ground.
5
3
SDA
Serial bus data line for SMBus, open-drain; requires pull-up resistor.
6
4
SCL
Serial bus clock line for SMBus, open-drain; requires pull-up resistor.
7
5
A0
Address pin
6
NC
Not connected
7
NC
Not connected
8
8
DXP1
Channel 1 positive connection to remote temperature sensor.
9
9
DXN1
Channel 1 negative connection to remote temperature sensor.
10
10
DXP2
Channel 2 positive connection to remote temperature sensor.
11
11
DXN2
Channel 2 negative connection to remote temperature sensor.
General-purpose, user-programmable input/output. Totem-pole output. Connect to ground or
12
12
GPIO
supply through a resistor if not used. Default state is as an input.
Open-drain SMBus alert output. Controlled in SMBus Alert Mask Register. Default state is
13
13
ALERT
disabled.
14
14
GND
Ground
6
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - TMP513AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP513AID TI-TMP513AID Datasheet
1Mb / 52P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP513AID TI-TMP513AID Datasheet
1Mb / 54P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP513AIDR TI-TMP513AIDR Datasheet
1Mb / 52P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP513AIDR TI-TMP513AIDR Datasheet
1Mb / 54P
[Old version datasheet]   Temperature and Power Supply System Monitors
More results

Similar Description - TMP513AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP512 TI-TMP512 Datasheet
1Mb / 52P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP512 TI-TMP512_1 Datasheet
1Mb / 54P
[Old version datasheet]   Temperature and Power Supply System Monitors
logo
Maxim Integrated Produc...
MAX6653 MAXIM-MAX6653 Datasheet
297Kb / 24P
   Temperature Monitors and PWM Fan Controllers
Rev 1; 12/03
logo
Linear Technology
LTC2921 LINER-LTC2921_15 Datasheet
322Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2921 LINER-LTC2921 Datasheet
316Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2922 LINER-LTC2922_15 Datasheet
322Kb / 20P
   Power Supply Tracker with Input Monitors
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
Maxim Integrated Produc...
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
logo
ON Semiconductor
FDMF5062 ONSEMI-FDMF5062 Datasheet
42Kb / 1P
   Smart Power Stage (SPS) Modules with Integrated Current and Temperature Monitors
logo
Panasonic Semiconductor
AN34043AA PANASONIC-AN34043AA Datasheet
3Mb / 17P
   DTV System Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com