Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2816-EP Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2816-EP
Description  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2816-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2816-EP_15 Datasheet HTML 2Page - Texas Instruments TPS2816-EP_15 Datasheet HTML 3Page - Texas Instruments TPS2816-EP_15 Datasheet HTML 4Page - Texas Instruments TPS2816-EP_15 Datasheet HTML 5Page - Texas Instruments TPS2816-EP_15 Datasheet HTML 6Page - Texas Instruments TPS2816-EP_15 Datasheet HTML 7Page - Texas Instruments TPS2816-EP_15 Datasheet HTML 8Page - Texas Instruments TPS2816-EP_15 Datasheet HTML 9Page - Texas Instruments TPS2816-EP_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
www.ti.com
TPS28xx ELECTRICAL CHARACTERISTICS
Outputs
Regulator, TPS2816 Through TPS2819
Supply Current
TPS2816-EP, TPS2817-EP, TPS2818-EP
TPS2819-EP, TPS2828-EP, TPS2829-EP
SGDS039 – FEBRUARY 2008
Inputs
over recommended operating ambient temperature range, VCC = 10 V, VDD tied to VCC, CL = 1 nF (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VCC = 5 V
3.3
4
Positive-going input threshold voltage
VCC = 10 V
6.6
7
V
VCC = 14 V
9.3
10
VCC = 5 V
1
1.7
Negative-going input threshold voltage
VCC = 10 V
2
3.3
V
VCC = 14 V
2.5
4.6
Input voltage hysteresis
1.3
V
Input current, TPS2818/19/28/29
Input = 0 V or VCC
0.2
µA
Input = 0 V
650
Input current, TPS2816/17
µA
Input = VCC
15
Input capacitance
5
10
pF
(1)
Typical are for TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
IO = –1 mA
9.75
9.9
High-level output voltage
V
IO = –100 mA
8
9.1
IO = 1 mA
0.18
0.25
Low-level output voltage
V
IO = 100 mA
1
2
(1)
Typical are for TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
14
≤ VDD ≤ 40 V,
Output voltage
10
11.5
13
V
0
≤ IO ≤ 20 mA
IO = 10 mA,
Output voltage in dropout
8
10
V
VDD = 10 V
(1)
Typical are for TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
IN = high = 10 V
150
250
TPS2816,
TPS2817
IN = low = 0 V
650
1000
TPS2818,
Supply current into VCC
µA
25
55
TPS2819
IN = high or low,
High = 10 V, Low = 0 V
TPS2828,
0.1
15
TPS2829
TPS2816,
VDD = 20 V,
650
1000
TPS2817
IN = high = 10 V or low = 0 V
Supply current into VDD
µA
TPS2818,
VDD = 20 V,
50
400
TPS2819
IN = high = 10 V or low = 0 V
(1)
Typical are for TA = 25°C (unless otherwise noted).
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2816-EP TPS2817-EP TPS2818-EP TPS2819-EP TPS2828-EP TPS2829-EP


Similar Part No. - TPS2816-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2816-EP TI-TPS2816-EP_09 Datasheet
595Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
More results

Similar Description - TPS2816-EP_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2829 UTC-US2829 Datasheet
154Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
US2829 UTC-US2829_15 Datasheet
146Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816 TI-TPS2816 Datasheet
371Kb / 20P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2816-EP TI-TPS2816-EP Datasheet
576Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Unisonic Technologies
US2829 UTC-US2829_11 Datasheet
146Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816-EP TI-TPS2816-EP_09 Datasheet
595Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Intersil Corporation
EL7104 INTERSIL-EL7104 Datasheet
286Kb / 5P
   High Speed, Single Channel, Power MOSFET Driver
logo
Linear Technology
LTC1693-5 LINER-LTC1693-5 Datasheet
150Kb / 8P
   High Speed Single P-Channel MOSFET Driver
LTC1693-5 LINER-LTC1693-5_15 Datasheet
161Kb / 8P
   High Speed Single P-Channel MOSFET Driver
logo
Intersil Corporation
EL7104 INTERSIL-EL7104_06 Datasheet
190Kb / 7P
   High Speed, Single Channel, Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com