Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2816-EP Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2816-EP
Description  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2816-EP Datasheet(HTML) 1 Page - Texas Instruments

  TPS2816-EP_15 Datasheet HTML 1Page - Texas Instruments TPS2816-EP_15 Datasheet HTML 2Page - Texas Instruments TPS2816-EP_15 Datasheet HTML 3Page - Texas Instruments TPS2816-EP_15 Datasheet HTML 4Page - Texas Instruments TPS2816-EP_15 Datasheet HTML 5Page - Texas Instruments TPS2816-EP_15 Datasheet HTML 6Page - Texas Instruments TPS2816-EP_15 Datasheet HTML 7Page - Texas Instruments TPS2816-EP_15 Datasheet HTML 8Page - Texas Instruments TPS2816-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
FEATURES
3
2
1
4
5
IN
VCC
VDD
OUT
TPS2816, TPS2817
TPS2818, TPS2819
DBV PACKAGE
(TOP VIEW)
GND
3
2
1
4
5
IN
VCC
NC
OUT
DBV PACKAGE
(TOP VIEW)
GND
TPS2828, TPS2829
NC − No internal connection
DESCRIPTION/ORDERING INFORMATION
TPS2816-EP, TPS2817-EP, TPS2818-EP
TPS2819-EP, TPS2828-EP, TPS2829-EP
SGDS039 – FEBRUARY 2008
www.ti.com
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
• Controlled Baseline
One Assembly Site
One Test Site
One Fabrication Site
• Extended Temperature Performance of –55°C
to 125
°C
• Enhanced Diminishing Manufacturing Sources
(DMS) Support
• Enhanced Product-Change Notification
• Qualification Pedigree (1)
• Low-Cost Single-Channel High-Speed MOSFET
Driver
• I
CC . . . 15 µA Max (TPS2828, TPS2829)
• 25 ns Max Rise/Fall Times and 40 ns Max
Propagation Delay . . . 1 nF Load
• 2 A Peak Output Current
• 4 V to 14 V Driver Supply Voltage Range;
Internal Regulator Extends Range to 40 V
(TPS2816, TPS2817, TPS2818, TPS2819)
• 5-pin SOT-23 Package
• –55°C to 125°C Ambient-Temperature
Operating Range
• Highly Resistant to Latch-ups
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
The TPS28xx single-channel high-speed MOSFET drivers are capable of delivering peak currents of up to 2 A
into highly capacitive loads. High switching speeds (tr and tf = 14 ns typ) are obtained with the use of BiCMOS
outputs. Typical threshold switching voltages are 2/3 and 1/3 of VCC. The design inherently minimizes
shoot-through current.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2008, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2816-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2816-EP TI-TPS2816-EP_09 Datasheet
595Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
More results

Similar Description - TPS2816-EP_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2829 UTC-US2829 Datasheet
154Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
US2829 UTC-US2829_15 Datasheet
146Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816 TI-TPS2816 Datasheet
371Kb / 20P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2816-EP TI-TPS2816-EP Datasheet
576Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Unisonic Technologies
US2829 UTC-US2829_11 Datasheet
146Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816-EP TI-TPS2816-EP_09 Datasheet
595Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Intersil Corporation
EL7104 INTERSIL-EL7104 Datasheet
286Kb / 5P
   High Speed, Single Channel, Power MOSFET Driver
logo
Linear Technology
LTC1693-5 LINER-LTC1693-5 Datasheet
150Kb / 8P
   High Speed Single P-Channel MOSFET Driver
LTC1693-5 LINER-LTC1693-5_15 Datasheet
161Kb / 8P
   High Speed Single P-Channel MOSFET Driver
logo
Intersil Corporation
EL7104 INTERSIL-EL7104_06 Datasheet
190Kb / 7P
   High Speed, Single Channel, Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com