Electronic Components Datasheet Search |
|
TPS2816-Q1 Datasheet(PDF) 10 Page - Texas Instruments |
|
TPS2816-Q1 Datasheet(HTML) 10 Page - Texas Instruments |
10 / 24 page PROPAGATION DELAY TIME, HIGH-TO-LOW-LEVEL OUTPUT vs AMBIENT TEMPERATURE 15 14 12 10 17 19 20 VCC = 10 V Load = 1000 pF f = 100 kHz 18 16 13 11 T - Ambient Temperature - °C A -50 -25 0 25 50 75 100 125 16 15 14 13 17 18 19 VCC = 10 V Load = 1000 pF f = 100 kHz PROPAGATION DELAY TIME, LOW-TO-HIGH-LEVEL OUTPUT vs SUPPLY VOLTAGE T - Ambient Temperature - °C A -50 -25 0 25 50 75 100 125 2 1.5 1 0 0 1000 3 3.5 SUPPLY CURRENT vs LOAD CAPACITANCE 4 2000 2.5 0.5 C - Load Capacitance - pF L VCC = 10 V f = 100 kHz Duty Cycle = 50% V - Supply Voltage - V CC Load = 1000 pF Duty Cycle = 50% f = 1 MHz f = 500 kHz f = 100 kHz f = 40 kHz 8 6 2 0 4 6 8 1 0 12 14 SUPPLY CURRENT vs SUPPLY VOLTAGE 16 12 14 4 10 TPS2816-Q1 , TPS2817-Q1, TPS2818-Q1 TPS2819-Q1, TPS2828-Q1, TPS2829-Q1 SPRS289B – AUGUST 2005 – REVISED SEPTEMBER 2011 www.ti.com Figure 10. Figure 11. Figure 12. Figure 13. 10 Submit Documentation Feedback Copyright © 2005–2011, Texas Instruments Incorporated Product Folder Link(s): TPS2816-Q1 TPS2817-Q1 TPS2818-Q1 TPS2819-Q1 TPS2828-Q1 TPS2829-Q1 |
Similar Part No. - TPS2816-Q1 |
|
Similar Description - TPS2816-Q1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |