Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP5611SKGMPAD Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # SP5611SKGMPAD
Description  1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5611SKGMPAD Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button SP5611SKGMPAD Datasheet HTML 4Page - Mitel Networks Corporation SP5611SKGMPAD Datasheet HTML 5Page - Mitel Networks Corporation SP5611SKGMPAD Datasheet HTML 6Page - Mitel Networks Corporation SP5611SKGMPAD Datasheet HTML 7Page - Mitel Networks Corporation SP5611SKGMPAD Datasheet HTML 8Page - Mitel Networks Corporation SP5611SKGMPAD Datasheet HTML 9Page - Mitel Networks Corporation SP5611SKGMPAD Datasheet HTML 10Page - Mitel Networks Corporation SP5611SKGMPAD Datasheet HTML 11Page - Mitel Networks Corporation SP5611SKGMPAD Datasheet HTML 12Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
SP5611
Normal operation, reference divider ratio = 1024
Normal operation, reference divider ratio = 512
Charge pump source (down), FL set to 0
Charge pump sink (up), FL set to 1
Port P7 = FPD/2
Port P7 = FPD, P6 = FCOMP
Charge pump disable, reference divider ratio = 512
Varactor line disable, reference divider ratio = 512
Charge pump and varactor linedisable, reference divider ratio = 512
Operation mode description
Table 5 Operation modes
Hex code (byte 4)
CP high mode
CP low mode
CC
CE
E2
E6
EA
EE
DE
CF
DF
8C
8E
A2
A6
AA
AE
9E
8F
9F
TEST MODES
As explained in the functional description, The SP5611 can
be programmed into a numb er of test modes. These are invoked
by programming Hex codes into byte 4, those most commonly
used being shown in Table 6.
Other codes will also apply due to don’t care conditions, which
are assumed to be 1 in the Table.
NOTE:
When looking at FPD or FCOMP signals from ports P7 and P6. byte
should be sent twice, first to set the desired reference division
ratio then to switch on the chosen test mode.
The pulses can then be measured by simply connecting an
oscilloscope or counter to the relevant output pin on thetest board.


Similar Part No. - SP5611SKGMPAD

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5610 ZARLINK-SP5610 Datasheet
593Kb / 15P
   1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
SP5610SKG ZARLINK-SP5610SKG Datasheet
593Kb / 15P
   1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
SP5610SMPAD ZARLINK-SP5610SMPAD Datasheet
593Kb / 15P
   1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
SP5610SMPAS ZARLINK-SP5610SMPAS Datasheet
593Kb / 15P
   1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
logo
Cornell Dubilier Electr...
SP561K CDE-SP561K Datasheet
201Kb / 2P
   Ceramic Capacitors
More results

Similar Description - SP5611SKGMPAD

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
   Bidirectional I2C Bus Controlled Synthesiser
logo
Mitel Networks Corporat...
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5655 MITEL-SP5655 Datasheet
220Kb / 12P
   2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5055 MITEL-SP5055 Datasheet
197Kb / 9P
   2.6GHz Bidirectional I2C BUS Controlled Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
   2.7GHz I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5511 ZARLINK-SP5511 Datasheet
182Kb / 12P
   Bidirectional I2C Bus 4-Address Synthesiser
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
   2.7GHz I2C Bus Controlled Synthesiser
SP8853A MITEL-SP8853A Datasheet
210Kb / 14P
   1쨌3GHz Professional Synthesiser
logo
Zarlink Semiconductor I...
SP5610 ZARLINK-SP5610 Datasheet
593Kb / 15P
   1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com