Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2836DRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2836DRG4
Description  SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2836DRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2836DRG4 Datasheet HTML 1Page - Texas Instruments TPS2836DRG4 Datasheet HTML 2Page - Texas Instruments TPS2836DRG4 Datasheet HTML 3Page - Texas Instruments TPS2836DRG4 Datasheet HTML 4Page - Texas Instruments TPS2836DRG4 Datasheet HTML 5Page - Texas Instruments TPS2836DRG4 Datasheet HTML 6Page - Texas Instruments TPS2836DRG4 Datasheet HTML 7Page - Texas Instruments TPS2836DRG4 Datasheet HTML 8Page - Texas Instruments TPS2836DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TPS2836, TPS2837
SYNCHRONOUSBUCK MOSFET DRIVER
WITH DEADTIME CONTROL
SLVS224B − NOVEMBER 1999 − REVISED AUGUST 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating virtual junction temperature range,
VCC = 6.5 V, CL = 3.3 nF (unless otherwise noted)
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage range
4.5
15
V
Quiescent current
VCC =15 V,
V(ENABLE) = LOW
100
A
VCC
Quiescent current
VCC =15 V,
V(ENABLE) = HIGH
300
400
µA
VCC
Quiescent current
VCC =12 V,
fSWX = 200 kHz,
CHIGHDR = 50 pF,
BOOTLO grounded,
CLOWDR = 50 pF,
See Note 2
3
mA
NOTE 2: Ensured by design, not production tested.
output drivers
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-side sink
Duty cycle < 2%,
VBOOT – VBOOTLO = 4.5 V, VHIGHDR = 4 V
0.7
1.1
High-side sink
(see Note 4)
Duty cycle < 2%,
tpw < 100 µs
(see Note 3)
VBOOT – VBOOTLO = 6.5 V, VHIGHDR = 5 V
1.1
1.5
A
(see Note 4)
tpw < 100 µs
(see Note 3)
VBOOT – VBOOTLO = 12 V, VHIGHDR = 10.5 V
2
2.4
A
High-side
Duty cycle < 2%,
VBOOT – VBOOTLO = 4.5 V, VHIGHDR = 0.5V
1.2
1.4
High-side
source
(see Note 4)
Duty cycle < 2%,
tpw < 100 µs
(see Note 3)
VBOOT – VBOOTLO = 6.5 V, VHIGHDR = 1.5 V
1.3
1.6
A
Peak output-
source
(see Note 4)
tpw < 100 µs
(see Note 3)
VBOOT – VBOOTLO = 12 V, VHIGHDR = 1.5 V
2.3
2.7
A
Peak output-
current
Low-side sink
Duty cycle < 2%,
VCC = 4.5 V,
VLOWDR = 4 V
1.3
1.8
current
Low-side sink
(see Note 4)
Duty cycle < 2%,
tpw < 100 µs
(see Note 3)
VCC = 6.5 V,
VLOWDR = 5 V
2
2.5
A
(see Note 4)
tpw < 100 µs
(see Note 3)
VCC = 12 V,
VLOWDR = 10.5 V
3
3.5
A
Low-side
Duty cycle < 2%,
VCC = 4.5 V,
VLOWDR = 0.5V
1.4
1.7
Low-side
source
(see Note 4)
Duty cycle < 2%,
tpw < 100 µs
(see Note 3)
VCC = 6.5 V,
VLOWDR = 1.5 V
2
2.4
A
source
(see Note 4)
tpw < 100 µs
(see Note 3)
VCC = 12 V,
VLOWDR = 1.5 V
2.5
3
A
VBOOT – VBOOTLO = 4.5 V, VHIGHDR = 0.5 V
5
High-side sink (see Note 4)
VBOOT – VBOOTLO = 6.5 V, VHIGHDR = 0.5 V
5
High-side sink (see Note 4)
VBOOT – VBOOTLO = 12 V, VHIGHDR = 0.5 V
5
VBOOT – VBOOTLO = 4.5 V, VHIGHDR = 4 V
75
High-side source (see Note 4)
VBOOT – VBOOTLO = 6.5 V, VHIGHDR = 6 V
75
Output
High-side source (see Note 4)
VBOOT – VBOOTLO = 12 V, VHIGHDR =11.5 V
75
Output
resistance
VDRV = 4.5 V,
VLOWDR = 0.5 V
9
resistance
Low-side sink (see Note 4)
VDRV = 6.5 V
VLOWDR = 0.5 V
7.5
Low-side sink (see Note 4)
VDRV = 12 V,
VLOWDR = 0.5 V
6
VDRV = 4.5 V,
VLOWDR = 4 V
75
Low-side source (see Note 4)
VDRV = 6.5 V,
VLOWDR = 6 V
75
Low-side source (see Note 4)
VDRV = 12 V,
VLOWDR = 11.5 V
75
NOTES:
3. Ensured by design, not production tested.
4. The pullup/pulldown circuits of the drivers are bipolar and MOSFET transistors in parallel. The peak output current rating is the
combined current from the bipolar and MOSFET transistors. The output resistance is the rDS(on) of the MOSFET transistor when
the voltage on the driver output is less than the saturation voltage of the bipolar transistor.


Similar Part No. - TPS2836DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2836D TI-TPS2836D Datasheet
181Kb / 14P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com