Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS28226 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS28226
Description  TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS28226 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS28226_15 Datasheet HTML 2Page - Texas Instruments TPS28226_15 Datasheet HTML 3Page - Texas Instruments TPS28226_15 Datasheet HTML 4Page - Texas Instruments TPS28226_15 Datasheet HTML 5Page - Texas Instruments TPS28226_15 Datasheet HTML 6Page - Texas Instruments TPS28226_15 Datasheet HTML 7Page - Texas Instruments TPS28226_15 Datasheet HTML 8Page - Texas Instruments TPS28226_15 Datasheet HTML 9Page - Texas Instruments TPS28226_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Normal switching
PWM
LGATE
UGATE
3-State
window
90%
10%
t
DLL
50%
t
FL
50%
t
PWM_MIN
t
DTU
90%
10%
t
RU
90%
10%
t
DLU
t
FU
t
DTL
90%
10%
t
RL
t
HLD_R
90%
10%
90%
90%
t
HLD_F
Enter into 3-State at
PWM rise
Exit 3-State
Enter into 3-State at
PWM fall
LGATE exits 3-State after PWM
goes High and then Low
TPS28226
SLUS791A – JULY 2007 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics
(1)
(continued)
VDD = 7.2 V, EN/PG pulled up to VDD by 100-kΩ resistor, TA = TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOWER GATE DRIVER OUTPUT (LGATE)
Source resistance
500 mA source current
1.0
2.0
Ω
Source current(2)
VLGATE = 2.5 V
2.0
A
tRL
Rise time(2)
CL = 3 nF
10
ns
Sink resistance
500 mA sink current
0.4
1.0
Ω
Sink current(2)
VLGATE = 2.5 V
4.0
A
Fall time(2)
CL = 3 nF
5
ns
BOOTSTRAP DIODE
VF
Forward voltage
Forward bias current 100 mA
1.0
V
THERMAL SHUTDOWN
Rising threshold(2)
150
160
170
°C
Falling threshold(2)
130
140
150
°C
Hysteresis
20
°C
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SWITCHING TIME
tDLU
UGATE turn-off propagation Delay
CL = 3 nF
14
ns
tDLL
LGATE turn-off propagation Delay
CL = 3 nF
14
ns
Dead time LGATE turn off to
tDTU
CL = 3 nF
14
ns
UGATE turn on
Dead time UGATE turn off to
tDTL
CL = 3 nF
14
ns
LGATE turn on
Figure 1. TPS28226 Timing Diagram
6
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TPS28226


Similar Part No. - TPS28226_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28226D TI-TPS28226D Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DR TI-TPS28226DR Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DRBR TI-TPS28226DRBR Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DRBT TI-TPS28226DRBT Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
More results

Similar Description - TPS28226_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI-TPS28226 Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI1-TPS28225_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI-TPS28225 Datasheet
987Kb / 30P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Driver
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com