Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51604 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS51604
Description  TPS51604 Synchronous Buck FET Driver for High-Frequency CPU Core Power
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51604 Datasheet(HTML) 4 Page - Texas Instruments

  TPS51604_15 Datasheet HTML 1Page - Texas Instruments TPS51604_15 Datasheet HTML 2Page - Texas Instruments TPS51604_15 Datasheet HTML 3Page - Texas Instruments TPS51604_15 Datasheet HTML 4Page - Texas Instruments TPS51604_15 Datasheet HTML 5Page - Texas Instruments TPS51604_15 Datasheet HTML 6Page - Texas Instruments TPS51604_15 Datasheet HTML 7Page - Texas Instruments TPS51604_15 Datasheet HTML 8Page - Texas Instruments TPS51604_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TPS51604
SLUSBA6B – DECEMBER 2012 – REVISED OCTOBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
over operating free-air temperature (unless otherwise noted)
MIN
MAX
UNIT
VDD
–0.3
6
Input voltage
V
PWM, SKIP
–0.3
6
BST
–0.3
35
BST (transient <20 ns)
–0.3
38
BST to SW; DRVH to SW
–0.3
6
Output voltage
V
SW
–2
30
DRVH, SW (transient <20 ns)
–5
38
DRVL
–0.3
6
Ground pins
GND to PAD
–0.3
0.3
V
Operating junction temperature, TJ
–40
125
°C
Storage temperature range, Tstg
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per AEC Q100-002(1)
±2000
Electrostatic
V(ESD)
V
discharge
Charged device model (CDM), per AEC Q100-011
±750
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
4.5
5
5.5
Input voltage
V
PWM, SKIP
–0.1
5.5
BST
–0.1
34
BST to SW; DRVH to SW
–0.1
5.5
Output voltage
V
SW
–1
28
DRVL
–0.1
5.5
Ground pins
GND to PAD
–0.1
0.1
V
Operating junction temperature, TJ
–40
105
°C
6.4 Thermal Information
TPS51604
THERMAL METRIC(1)
WSON (DSG)
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
63.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
74.1
°C/W
RθJB
Junction-to-board thermal resistance
34.3
°C/W
ψJT
Junction-to-top characterization parameter
2.0
°C/W
ψJB
Junction-to-board characterization parameter
34.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
11.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPS51604


Similar Part No. - TPS51604_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51604-Q1 TI-TPS51604-Q1 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
TPS51604-Q1 TI-TPS51604-Q1_15 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
TPS51604DSGR TI-TPS51604DSGR Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck FET Driver Optimized for High-Frequency Applications
TPS51604DSGT TI-TPS51604DSGT Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck FET Driver Optimized for High-Frequency Applications
TPS51604QDSGRQ1 TI-TPS51604QDSGRQ1 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
More results

Similar Description - TPS51604_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51604-Q1 TI-TPS51604-Q1_15 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
TPS59603-Q1 TI1-TPS59603-Q1 Datasheet
398Kb / 17P
[Old version datasheet]   TPS59603-Q1 Synchronous Buck FET Driver for High-Frequency CPU Core Power in Automotive Applications
TPS51604 TI-TPS51604 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck FET Driver Optimized for High-Frequency Applications
logo
International Rectifier
IRF3709PBF IRF-IRF3709PBF_15 Datasheet
236Kb / 12P
   High Frequency Buck Converters for Server Processor Power Synchronous FET
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Kersemi Electronic Co.,...
IRLR8256 KERSEMI-IRLR8256 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck
IRLR8113 KERSEMI-IRLR8113 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck
logo
International Rectifier
IRF3704ZSLPBF IRF-IRF3704ZSLPBF Datasheet
366Kb / 13P
   High Frequency Synchronous Buck
IRLR7821PF IRF-IRLR7821PF Datasheet
326Kb / 12P
   High Frequency Synchronous Buck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com