Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP5730A Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # SP5730A
Description  1.3GHz Low Phase Noise Frequency Synthesiser
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5730A Datasheet(HTML) 4 Page - Mitel Networks Corporation

  SP5730A Datasheet HTML 1Page - Mitel Networks Corporation SP5730A Datasheet HTML 2Page - Mitel Networks Corporation SP5730A Datasheet HTML 3Page - Mitel Networks Corporation SP5730A Datasheet HTML 4Page - Mitel Networks Corporation SP5730A Datasheet HTML 5Page - Mitel Networks Corporation SP5730A Datasheet HTML 6Page - Mitel Networks Corporation SP5730A Datasheet HTML 7Page - Mitel Networks Corporation SP5730A Datasheet HTML 8Page - Mitel Networks Corporation SP5730A Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
SP5730
Preliminary Information
Electrical Characteristics (continued)
Tamb= -40
o
C to 85
o
C, Vcc= 4.5 to 5.5V
These characteristics are guaranteed by either production test or design. They apply within the specified
ambient temperature and supply voltage unless otherwise stated.
Characteristic
Pin
Value
Units
Conditions
Min
Typ
Max
Buffered REF/COMP output
11
AC coupled 0.5-20MHz
output amplitude
0.35
Vpp
Enabled by bit RE= 1
output impedance
250
See note 2
Phase detector Comparison
4
MHz
frequency
Equivalent phase noise at phase
dBc/Hz
SSB, within loop bandwidth
detector
-152
Fcomp = 2MHz
-158
Fcomp = 125kHz
RF division ratio
56
32767
Reference division ratio
See Table 1
Output ports P0 - P3
6-9
See Note 1
sink current
2
mA
Vport = 0.7
Leakage current
10
µA
Vport = Vcc
Address Select
10
See Figure 4 Table 3
Input high current
1
mA
Vin = Vcc
Input low current
-0.5
mA
Vin = Vee
Logic level select
6
See note 3
Input high level
3
Vcc
V
5V I2C logic selected, or
open circuit
Input low level
0
1.5
V
3V3 I2C logic selected
Input current
-10
10
µA
Vin = Vee to Vcc
Notes:
1. Output ports high impedance on power up, with data, clock, and enable at logic ‘0’
2. If the REF/COMP output is not used, the output should be left open circuit or connected to Vcc, and disabled by
setting RE = 0
3. Bi-directional port. When used as an output, the input logic state is ignored. When used as an input the port should
be switched in to high impedance (off) state.


Similar Part No. - SP5730A

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5730A/KG/MP1S ZARLINK-SP5730A/KG/MP1S Datasheet
380Kb / 12P
   1.3 GHz Low Phase Noise Frequency Synthesiser
SP5730A/KG/MP1T ZARLINK-SP5730A/KG/MP1T Datasheet
380Kb / 12P
   1.3 GHz Low Phase Noise Frequency Synthesiser
SP5730A/KG/MP2S ZARLINK-SP5730A/KG/MP2S Datasheet
380Kb / 12P
   1.3 GHz Low Phase Noise Frequency Synthesiser
SP5730A/KG/MP2T ZARLINK-SP5730A/KG/MP2T Datasheet
380Kb / 12P
   1.3 GHz Low Phase Noise Frequency Synthesiser
SP5730A/KG/QP1S ZARLINK-SP5730A/KG/QP1S Datasheet
380Kb / 12P
   1.3 GHz Low Phase Noise Frequency Synthesiser
More results

Similar Description - SP5730A

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5730 ZARLINK-SP5730 Datasheet
380Kb / 12P
   1.3 GHz Low Phase Noise Frequency Synthesiser
SP5768 ZARLINK-SP5768 Datasheet
104Kb / 10P
   3.0 GHz Low Phase Noise Frequency Synthesiser
logo
Mitel Networks Corporat...
SP8400 MITEL-SP8400 Datasheet
113Kb / 6P
   Very Low Phase Noise Synthesiser Divider
logo
Zarlink Semiconductor I...
SP8400 ZARLINK-SP8400 Datasheet
383Kb / 5P
   Very Low Phase Noise Synthesiser Divider
logo
Mitel Networks Corporat...
SP5659 MITEL-SP5659 Datasheet
143Kb / 12P
   2쨌7GHz I2C Bus Low Phase Noise Synthesiser
SP5502 MITEL-SP5502 Datasheet
250Kb / 8P
   1.3GHz I2C BUS 4-Address Synthesiser
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5610 ZARLINK-SP5610 Datasheet
593Kb / 15P
   1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
logo
Mitel Networks Corporat...
SP5848 MITEL-SP5848 Datasheet
67Kb / 9P
   2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com