Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS28226D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS28226D
Description  TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS28226D Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS28226D Datasheet HTML 4Page - Texas Instruments TPS28226D Datasheet HTML 5Page - Texas Instruments TPS28226D Datasheet HTML 6Page - Texas Instruments TPS28226D Datasheet HTML 7Page - Texas Instruments TPS28226D Datasheet HTML 8Page - Texas Instruments TPS28226D Datasheet HTML 9Page - Texas Instruments TPS28226D Datasheet HTML 10Page - Texas Instruments TPS28226D Datasheet HTML 11Page - Texas Instruments TPS28226D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
0
20
25
30
5
10
15
-40
125
TJ - Temperature - °C
25
LGATE
UGATE
-40
125
TJ - Temperature - °C
25
0.0
12.5
17.5
20.0
2.5
7.5
10.0
LGATE
UGATE
5.0
15.0
6
8
11
13
15
7
9
10
12
14
-40
125
TJ - Temperature - °C
25
Fall
Rise
-40
125
TJ - Temperature - °C
25
4
6
10
12
14
5
7
9
11
13
8
Fall
Rise
0
-40
125
25
0.75
1.25
2.00
0.25
0.50
1.00
1.50
1.75
TJ - Temperature - °C
RSINK
RSOURCE
0
-40
125
TJ - Temperature - °C
25
0.75
1.25
2.00
0.25
0.50
1.00
1.50
1.75
RSINK
RSOURCE
TPS28226
SLUS791A – JULY 2007 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
VDD = 7.2 V
VDD = 7.2 V
Figure 7. LGATE DC Output Impedance vs Temperature
Figure 6. UGATE DC Output Impedance vs Temperature
VDD = 7.2 V
CLOAD = 3 nF
VDD = 7.2 V
CLOAD = 3 nF
Figure 8. UGATE Rise and Fall Time vs Temperature
Figure 9. LGATE Rise and Fall Time vs Temperature
VDD = 7.2 V
CLOAD = 3 nF
VDD = 7.2 V
CLOAD = 3 nF
Figure 11. UGATE and LGATE (Dead Time) vs Temperture
Figure 10. UGATE and LGATE (Turning OFF Propagation
Delays) vs Temperture
8
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TPS28226


Similar Part No. - TPS28226D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28226D TI-TPS28226D Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DR TI-TPS28226DR Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DRBR TI-TPS28226DRBR Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DRBT TI-TPS28226DRBT Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
More results

Similar Description - TPS28226D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI-TPS28226 Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI1-TPS28225_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI-TPS28225 Datasheet
987Kb / 30P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Driver
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com