Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS28226DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS28226DR
Description  TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS28226DR Datasheet(HTML) 5 Page - Texas Instruments

  TPS28226DR Datasheet HTML 1Page - Texas Instruments TPS28226DR Datasheet HTML 2Page - Texas Instruments TPS28226DR Datasheet HTML 3Page - Texas Instruments TPS28226DR Datasheet HTML 4Page - Texas Instruments TPS28226DR Datasheet HTML 5Page - Texas Instruments TPS28226DR Datasheet HTML 6Page - Texas Instruments TPS28226DR Datasheet HTML 7Page - Texas Instruments TPS28226DR Datasheet HTML 8Page - Texas Instruments TPS28226DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
TPS28226
www.ti.com
SLUS791A – JULY 2007 – REVISED SEPTEMBER 2015
6.4 Thermal Information
TPS28226
THERMAL METRIC
VSON (DRB)
SOIC (D)
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
50.2
123.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
57.5
77.0
°C/W
RθJB
Junction-to-board thermal resistance
25.9
63.5
°C/W
ψJT
Junction-to-top characterization parameter
1.5
27.7
°C/W
ψJB
Junction-to-board characterization parameter
26.0
63.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
9.5
N/A
°C/W
6.5 Electrical Characteristics
(1)
VDD = 7.2 V, EN/PG pulled up to VDD by 100-kΩ resistor, TA = TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UNDER VOLTAGE LOCKOUT
Rising threshold
VPWM = 0 V
6.35
6.70
V
Falling threshold
VPWM = 0 V
4.7
5.0
V
Hysteresis
1.00
1.35
V
BIAS CURRENTS
IDD(off)
Bias supply current
VEN/PG = low, PWM pin floating
350
μA
IDD
Bias supply current
VEN/PG = high, PWM pin floating
500
μA
INPUT (PWM)
VPWM = 5 V
185
μA
IPWM
Input current
VPWM = 0 V
–200
μA
PWM 3-state rising threshold(2)
1.0
V
PWM 3-state falling threshold
VPWM PEAK = 5 V
3.4
3.8
4.0
V
tHLD_R
3-state shutdown Hold-off time
250
ns
PWM minimum pulse to force UGATE
TMIN
CL = 3 nF at UGATE , VPWM = 5 V
30
ns
pulse
ENABLE/POWER GOOD (EN/PG)
Enable high rising threshold
PG FET OFF
1.7
2.1
V
Enable low falling threshold
PG FET OFF
0.8
1.0
V
Hysteresis
0.35
0.70
V
Power good output
VDD = 2.5 V
0.2
V
UPPER GATE DRIVER OUTPUT (UGATE)
Source resistance
500 mA source current
1.0
2.0
Ω
Source current (2)
VUGATE-PHASE = 2.5 V
2.0
A
tRU
Rise time
CL = 3 nF
10
ns
Sink resistance
500 mA sink current
1.0
2.0
Ω
Sink current (2)
VUGATE-PHASE = 2.5 V
2.0
A
tFU
Fall time
CL = 3 nF
10
ns
(1)
Typical values for TA = 25°C
(2)
Not production tested.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS28226


Similar Part No. - TPS28226DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28226DR TI-TPS28226DR Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DRBR TI-TPS28226DRBR Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DRBT TI-TPS28226DRBT Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
More results

Similar Description - TPS28226DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI-TPS28226 Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI1-TPS28225_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI-TPS28225 Datasheet
987Kb / 30P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Driver
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com