Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS28226DRBT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS28226DRBT
Description  TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS28226DRBT Datasheet(HTML) 2 Page - Texas Instruments

  TPS28226DRBT Datasheet HTML 1Page - Texas Instruments TPS28226DRBT Datasheet HTML 2Page - Texas Instruments TPS28226DRBT Datasheet HTML 3Page - Texas Instruments TPS28226DRBT Datasheet HTML 4Page - Texas Instruments TPS28226DRBT Datasheet HTML 5Page - Texas Instruments TPS28226DRBT Datasheet HTML 6Page - Texas Instruments TPS28226DRBT Datasheet HTML 7Page - Texas Instruments TPS28226DRBT Datasheet HTML 8Page - Texas Instruments TPS28226DRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
TPS28226
SLUS791A – JULY 2007 – REVISED SEPTEMBER 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 17
1
Features .................................................................. 1
8
Application and Implementation ........................ 17
2
Applications ........................................................... 1
8.1
Application Information............................................ 17
3
Description ............................................................. 1
8.2
Typical Application ................................................. 18
4
Revision History..................................................... 2
8.3
System Examples ................................................... 25
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 27
6
Specifications......................................................... 4
10
Layout................................................................... 27
6.1
Absolute Maximum Ratings ...................................... 4
10.1
Layout Guidelines ................................................. 27
6.2
ESD Ratings ............................................................ 4
10.2
Layout Example .................................................... 28
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 29
6.4
Thermal Information .................................................. 5
11.1
Device Support .................................................... 29
6.5
Electrical Characteristics .......................................... 5
11.2
Documentation Support ....................................... 29
6.6
Switching Characteristics .......................................... 6
11.3
Community Resources.......................................... 29
6.7
Typical Characteristics .............................................. 7
11.4
Trademarks ........................................................... 29
7
Detailed Description ............................................ 11
11.5
Electrostatic Discharge Caution ............................ 29
7.1
Overview ................................................................. 11
11.6
Glossary ................................................................ 29
7.2
Functional Block Diagram ....................................... 11
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................. 12
Information ........................................................... 29
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (April 2010) to Revision D
Page
Added Pin Configuration and Functions section, Handling Rating table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section ................................................................................................................................................................................... 1
Changes from Revision B (July 2007) to Revision C
Page
Changed FUNCTIONAL BLOCK DIAGRAM .......................................................................................................................... 3
2
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TPS28226


Similar Part No. - TPS28226DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28226DRBT TI-TPS28226DRBT Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
More results

Similar Description - TPS28226DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI-TPS28226 Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI1-TPS28225_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI-TPS28225 Datasheet
987Kb / 30P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Driver
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com