Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP5730MP1T Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # SP5730MP1T
Description  1.3GHz Low Phase Noise Frequency Synthesiser
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5730MP1T Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button SP5730MP1T Datasheet HTML 5Page - Mitel Networks Corporation SP5730MP1T Datasheet HTML 6Page - Mitel Networks Corporation SP5730MP1T Datasheet HTML 7Page - Mitel Networks Corporation SP5730MP1T Datasheet HTML 8Page - Mitel Networks Corporation SP5730MP1T Datasheet HTML 9Page - Mitel Networks Corporation SP5730MP1T Datasheet HTML 10Page - Mitel Networks Corporation SP5730MP1T Datasheet HTML 11Page - Mitel Networks Corporation SP5730MP1T Datasheet HTML 12Page - Mitel Networks Corporation SP5730MP1T Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Preliminary Information
SP5730
C1
C0
Current in
µA
byte 5, bit 1
byte 5, bit 2
Min
Typ
Max
0
0
+- 116
+- 155
+- 194
0
1
+- 247
+- 330
+- 412
1
0
+- 517
+- 690
+- 862
1
1
+- 1087
+- 1450
+- 1812
Table 6 Charge pump current
RE
RS
REF/COMP OUTPUT
0
0
High impedance
0
1
High impedance Test mode enabled, see Figure 5
1
0
Fref selected
1
1
Fcomp selected
X = don’t care
Table 7; REF/COMP output
Figure 3 XTAL oscillator application
SP5730
2
3
68pF
150pF


Similar Part No. - SP5730MP1T

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5730 ZARLINK-SP5730 Datasheet
380Kb / 12P
   1.3 GHz Low Phase Noise Frequency Synthesiser
SP5730A/KG/MP1S ZARLINK-SP5730A/KG/MP1S Datasheet
380Kb / 12P
   1.3 GHz Low Phase Noise Frequency Synthesiser
SP5730A/KG/MP1T ZARLINK-SP5730A/KG/MP1T Datasheet
380Kb / 12P
   1.3 GHz Low Phase Noise Frequency Synthesiser
SP5730A/KG/MP2S ZARLINK-SP5730A/KG/MP2S Datasheet
380Kb / 12P
   1.3 GHz Low Phase Noise Frequency Synthesiser
SP5730A/KG/MP2T ZARLINK-SP5730A/KG/MP2T Datasheet
380Kb / 12P
   1.3 GHz Low Phase Noise Frequency Synthesiser
More results

Similar Description - SP5730MP1T

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5730 ZARLINK-SP5730 Datasheet
380Kb / 12P
   1.3 GHz Low Phase Noise Frequency Synthesiser
SP5768 ZARLINK-SP5768 Datasheet
104Kb / 10P
   3.0 GHz Low Phase Noise Frequency Synthesiser
logo
Mitel Networks Corporat...
SP8400 MITEL-SP8400 Datasheet
113Kb / 6P
   Very Low Phase Noise Synthesiser Divider
logo
Zarlink Semiconductor I...
SP8400 ZARLINK-SP8400 Datasheet
383Kb / 5P
   Very Low Phase Noise Synthesiser Divider
logo
Mitel Networks Corporat...
SP5659 MITEL-SP5659 Datasheet
143Kb / 12P
   2쨌7GHz I2C Bus Low Phase Noise Synthesiser
SP5502 MITEL-SP5502 Datasheet
250Kb / 8P
   1.3GHz I2C BUS 4-Address Synthesiser
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5610 ZARLINK-SP5610 Datasheet
593Kb / 15P
   1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
logo
Mitel Networks Corporat...
SP5848 MITEL-SP5848 Datasheet
67Kb / 9P
   2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com