Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54AW Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # BAT54AW
Description  Surface Mount Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

BAT54AW Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  BAT54AW Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. BAT54AW Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT54WSeries
BAT54W / BAT54AW / BAT54CW / BAT54SW
Surface Mount Schottky Barrier Diode
1.800
MAXIMUM RATINGS (TJ = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
Volts
Forward Power Dissipation
@ TA = 25°C
Derate above 25
°C
PF
225
1.8
mW
mW/
°C
Forward Current (DC)
IF
200 Max
mA
Junction Temperature
TJ
125 Max
°C
Storage Temperature Range
Tstg
– 55 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (IR = 10 µA)
V(BR)R
30
Volts
Total Capacitance (VR = 1.0 V, f = 1.0 MHz)
CT
7.6
10
pF
Reverse Leakage (VR = 25 V)
IR
0.5
2.0
µAdc
Forward Voltage (IF = 0.1 mAdc)
VF
0.22
0.24
Vdc
Forward Voltage (IF = 30 mAdc)
VF
0.41
0.5
Vdc
Forward Voltage (IF = 100 mAdc)
VF
0.52
1.0
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc) Figure 1
trr
5.0
ns
Forward Voltage (IF = 1.0 mAdc)
VF
0.29
0.32
Vdc
Forward Voltage (IF = 10 mAdc)
VF
0.35
0.40
Vdc
Forward Current (DC)
IF
200
mAdc
Repetitive Peak Forward Current
IFRM
300
mAdc
Non–Repetitive Peak Forward Current (t < 1.0 s)
IFSM
600
mAdc
FEATURES
·
Case: SOT-323, Molded Plastic
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: See Diagrams Below
·
Weight: 0.006 grams (approx.)
·
Mounting Position: Any
MECHANICAL DATA
·
Low Turn-on Voltage
·
Fast Switching
·
PN Junction Guard Ring for Transient and
ESD Protection
1
2
3
K
J
C
H
L
A
B S
G
V
D
Top View
BAT54W Marking:KL5, L4
BAT54AW Marking:KL6, L42
BAT54CW Marking: KL7, L43
BAT54SW Marking: KL8, L44
1
1
2
1
1
2
2
2
3
3
3
3
Dim
Min
Max
A
2.200
B
1.150
1.350
C
0.800
1.000
D
0.300
0.400
G
1.200
1.400
H
0.000
0.100
J
0.100
0.250
K
0.350
0.500
L
0.590
0.720
S
2.000
2.400
V
0.280
0.420
All Dimension in mm
SOT-323
PB FREE PRODUCT


Similar Part No. - BAT54AW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54AW PANJIT-BAT54AW Datasheet
121Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
GUANGDONG HOTTECH INDUS...
BAT54AW HOTTECH-BAT54AW Datasheet
985Kb / 2P
   Plastic-Encapsulate Diodes
logo
Rectron Semiconductor
BAT54AW RECTRON-BAT54AW Datasheet
92Kb / 2P
   SOT-323 SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
FutureWafer Tech Co.,Lt...
BAT54AW FUTUREWAFER-BAT54AW Datasheet
2Mb / 21P
   Surface Mount Schottky Barrier Diode
07-FEB-2022 V 2.2
logo
Unisonic Technologies
BAT54AW UTC-BAT54AW Datasheet
165Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
More results

Similar Description - BAT54AW

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com