Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8782A Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # SP8782A
Description  1GHz16/17, 첨32/33 Multi-Modulus Divider
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8782A Datasheet(HTML) 8 Page - Mitel Networks Corporation

  SP8782A Datasheet HTML 1Page - Mitel Networks Corporation SP8782A Datasheet HTML 2Page - Mitel Networks Corporation SP8782A Datasheet HTML 3Page - Mitel Networks Corporation SP8782A Datasheet HTML 4Page - Mitel Networks Corporation SP8782A Datasheet HTML 5Page - Mitel Networks Corporation SP8782A Datasheet HTML 6Page - Mitel Networks Corporation SP8782A Datasheet HTML 7Page - Mitel Networks Corporation SP8782A Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
M Mitel (design) and ST-BUS are registered trademarks of MITEL Corporation
Mitel Semiconductor is an ISO 9001 Registered Company
Copyright 1999 MITEL Corporation
All Rights Reserved
Printed in CANADA
TECHNICAL DOCUMENTATION - NOT FOR RESALE
World Headquarters - Canada
Tel: +1 (613) 592 2122
Fax: +1 (613) 592 6909
North America
Asia/Pacific
Europe, Middle East,
Tel: +1 (770) 486 0194
Tel: +65 333 6193
and Africa (EMEA)
Fax: +1 (770) 631 8213
Fax: +65 333 6192
Tel: +44 (0) 1793 518528
Fax: +44 (0) 1793 518581
http://www.mitelsemi.com
Information relating to products and services furnished herein by Mitel Corporation or its subsidiaries (collectively “Mitel”) is believed to be reliable. However, Mitel assumes no
liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of
patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or
service conveys any license, either express or implied, under patents or other intellectual property rights owned by Mitel or licensed from third parties by Mitel, whatsoever.
Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Mitel, or non-Mitel furnished goods or services may infringe patents or
other intellectual property rights owned by Mitel.
This publication is issued to provide information only and (unless agreed by Mitel in writing) may not be used, applied or reproduced for any purpose nor form part of any order or
contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this
publication are subject to change by Mitel without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or
service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific
piece of equipment. It is the user’s responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or
data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in
any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Mitel’s
conditions of sale which are available on request.


Similar Part No. - SP8782A

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8782A ZARLINK-SP8782A Datasheet
290Kb / 8P
   1GHz 16/17, 32/33 Multi-Modulus Divider
More results

Similar Description - SP8782A

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8782A ZARLINK-SP8782A Datasheet
290Kb / 8P
   1GHz 16/17, 32/33 Multi-Modulus Divider
SP8916 ZARLINK-SP8916 Datasheet
553Kb / 7P
   5GHZ 첨 16 Fixed Modulus Divider
SP8808 ZARLINK-SP8808 Datasheet
441Kb / 5P
   3.3GHz 첨 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8804 MITEL-SP8804 Datasheet
94Kb / 5P
   3.3GHz 첨 4 fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8802 ZARLINK-SP8802 Datasheet
564Kb / 6P
   3.3GHZ 첨 2 Fixed Modulus Divider
SP8803 ZARLINK-SP8803 Datasheet
520Kb / 5P
   3.3GHZ 첨 32 Fixed Modulus Divider
SP8908 ZARLINK-SP8908 Datasheet
408Kb / 6P
   5GHZ 첨 8 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8802 MITEL-SP8802 Datasheet
93Kb / 5P
   3.3GHz 첨 2 fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8804 ZARLINK-SP8804 Datasheet
558Kb / 6P
   3.3GHZ 첨 4 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8808 MITEL-SP8808 Datasheet
93Kb / 5P
   3.3GHz 첨 8 Fixed Modulus Divider
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com