Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-120-E Datasheet(PDF) 6 Page - ON Semiconductor

Part # STK672-120-E
Description  Two-Phase Stepping Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-120-E Datasheet(HTML) 6 Page - ON Semiconductor

  STK672-120-E Datasheet HTML 1Page - ON Semiconductor STK672-120-E Datasheet HTML 2Page - ON Semiconductor STK672-120-E Datasheet HTML 3Page - ON Semiconductor STK672-120-E Datasheet HTML 4Page - ON Semiconductor STK672-120-E Datasheet HTML 5Page - ON Semiconductor STK672-120-E Datasheet HTML 6Page - ON Semiconductor STK672-120-E Datasheet HTML 7Page - ON Semiconductor STK672-120-E Datasheet HTML 8Page - ON Semiconductor STK672-120-E Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
STK672-120-E
No.6042-6/9
• Allowable motor current operating range
The motor current (IOH) must be held within the range corresponding to the area under the curve shown in figure 4.
For example, if the operating substrate temperature Tc is 105
°C, then IOH must be held under IOH = 2.4A, and in
hold mode IOH must be held under IOH = 2.0A.
• Thermal design
[Operating range in which a heat sink is not used]
Thermal design that lowers this hybrid IC’s operating substrate temperature can be effective in improving end product
quality. The size of the heat sink required by this hybrid IC varies with the average power dissipation PD. The value
of PD increases as the output current increases, as shown in figure 5.
Since there are periods when current flows and periods when the current is off during actual motor operation, PD
cannot be determined from the data presented in figure 5. Therefore, we calculate PD assuming that actual motor
operation consists of repetitions of the operation shown in figure 3.
Figure 3 Motor Current Timing
T1: Motor rotation operation time
T2: Motor hold operation time
T3: Motor current off time
T2 may be reduced, depending on the application.
T0: Single repeated motor operating cycle
IO1 and IO2: Motor current peak values
Due to the structure of motor windings, the phase current is a positive and negative current with a pulse form.
Note that figure 3 presents the concepts here, and that the on/off duty of the actual signals will differ.
The hybrid IC internal average power dissipation PD can be calculated from the following formula.
PD = (T1 × P1 + T2 × P2 + T3 × 0) ÷ T0
(I)
(Here, P1 is the PD for IO1 and P2 is the PD for IO2)
If the value calculated in formula (I) above is under 1.5W, then there will be no need to use a heat sink for ambient
temperatures Ta up to 60°C. See figure 6 for operating substrate temperature rise data when a heat sink is not attached.
If a heat sink is to be used, to lower Tc if PD increases, use formula (II) and the graph in figure 7 to determine the size
of the heat sink.
θc - a = (Tc max–Ta) ÷ PD
(II)
Tc max: Maximum operating substrate temperature = 105
°C
Ta: The hybrid IC ambient temperature
While formulas (I) and (II) above are adequate for thermal design, note that figure 5 is merely a single example of one
operating mode for a single motor. For example, while figure 5 shows a 2-phase excitation motor, if 1-2 phase
excitation is used with a 500Hz clock frequency, the drive will be turned off for 25% of the time and the loss PD will be
reduced to 75% of that in figure 5.
It is extremely difficult for calculate the internal average power dissipation PD for all possible end product conditions.
After performing the above rough calculations, always install the hybrid IC in an actual end product and verify that the
substrate temperature Tc does not rise above 105°C.
T1
T2
T0
T3
-IO1
IO2
IO1
Motor phase current
(sink side)


Similar Part No. - STK672-120-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-120-E SANYO-STK672-120-E Datasheet
81Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.4A
More results

Similar Description - STK672-120-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13475MP HITACHI-HA13475MP Datasheet
63Kb / 3P
   TWO PHASE STEPPING MOTOR DRIVER
logo
ON Semiconductor
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
STK672-220-E ONSEMI-STK672-220-E Datasheet
100Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
logo
Sanyo Semicon Device
STK672-210 SANYO-STK672-210 Datasheet
90Kb / 8P
   Two-Phase Stepping Motor Driver Output Current: 1.4 A
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com