Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA4764A Datasheet(PDF) 3 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # SMA4764A
Description  1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SMA4764A Datasheet(HTML) 3 Page - CHENG-YI ELECTRONIC CO., LTD.

  SMA4764A Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SMA4764A Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD. SMA4764A Datasheet HTML 3Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
SMA4728A THRU SMA4764A
PB FREE PRODUCT


Similar Part No. - SMA4764A

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SMA4764A YANGJIE-SMA4764A Datasheet
194Kb / 3P
   Zener Diodes
logo
RFE international
SMA4764A RFE-SMA4764A Datasheet
954Kb / 4P
   Surface Mount Zener Diodes
07-22-2020
logo
Formosa MS
SMA4764A FORMOSA-SMA4764A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
logo
Socay Electornics Co., ...
SMA4764A SOCAY-SMA4764A Datasheet
149Kb / 5P
   SMA4728A - SZ1330A Series VZ: 3.3 To 330 V PD: 1 W
SMA4764A SOCAY-SMA4764A Datasheet
149Kb / 5P
   Surface Mount Zener Diodes
More results

Similar Description - SMA4764A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
1N4741A TRSYS-1N4741A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A Datasheet
395Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
WILLAS ELECTRONIC CORP
1N4728A WILLAS-1N4728A Datasheet
627Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4741A TSC-1N4741A_1 Datasheet
1Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com