Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD7201 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCD7201
Description  UCD7201 Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7201 Datasheet(HTML) 3 Page - Texas Instruments

  UCD7201_15 Datasheet HTML 1Page - Texas Instruments UCD7201_15 Datasheet HTML 2Page - Texas Instruments UCD7201_15 Datasheet HTML 3Page - Texas Instruments UCD7201_15 Datasheet HTML 4Page - Texas Instruments UCD7201_15 Datasheet HTML 5Page - Texas Instruments UCD7201_15 Datasheet HTML 6Page - Texas Instruments UCD7201_15 Datasheet HTML 7Page - Texas Instruments UCD7201_15 Datasheet HTML 8Page - Texas Instruments UCD7201_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC − No internal connection
NC
3V3
IN1
AGND
IN2
CLF
ILIM
NC
VDD
PVDD
OUT1
OUT2
PGND
CS
UCD7201
www.ti.com
SLUS645F – FEBRUARY 2005 – REVISED DECEMBER 2014
5 Description (Continued)
For fast switching speeds, the UCD7201 output stages use the TrueDrive™ output architecture, which delivers
rated current of ±4 A into the gate of a MOSFET during the Miller plateau region of the switching transition. It
also includes a 3.3-V, 10-mA linear regulator to provide power to the digital controller.
For similar applications requiring direct start-up capability from higher voltages such as the 48-V telecom input
line, the UCD7601 includes a 110-V high-voltage startup circuit.
The UCD7K driver family is compatible with standard 3.3-V I/O ports of DSPs, Microcontrollers, or ASICs.
UCD7201 is offered in a PowerPAD™ HTSSOP-14 package.
6 Pin Configuration and Functions
PWP
14 PIN
Top View
Pin Functions
PIN
I/O
FUNCTION
NO.
NAME
1
NC
-
No Connection
Regulated 3.3-V rail. The onboard linear voltage regulator is capable of sourcing up to 10 mA of
2
3V3
O
current. Place 0.22
μF of ceramic capacitance from this pin to ground.
The IN pin is a high impedance digital input capable of accepting 3.3-V logic level signals up to 2
3
IN1
I
MHz. There is an internal Schmitt trigger comparator which isolates the internal circuitry from any
external noise.
4
AGND
-
Analog ground return.
The IN pin is a high impedance digital input capable of accepting 3.3-V logic level signals up to 2
5
IN2
I
MHz. There is an internal Schmitt trigger comparator which isolates the internal circuitry from any
external noise.
Current limit flag. When the CS level is greater than the ILIM voltage minus 25 mV, the output of the
6
CLF
O
driver is forced low and the current limit flag (CLF) is set high. The CLF signal is latched high until the
device receives the next rising edge on the IN pin.
Current limit threshold set pin. The current limit threshold can be set to any value between 0.25 V
7
ILIM
I
and 1.0 V. The default value while open is 0.5 V.
Current sense pin. Fast current limit comparator connected to the CS pin is used to protect the power
8
CS
I
stage by implementing cycle-by-cycle current limiting.
9
PGND
-
Power ground return. The pin should be connected very closely to the source of the power MOSFET.
10
OUT2
O
The high-current TrueDrive™ driver output.
11
OUT1
O
The high-current TrueDrive™ driver output.
Supply pin provides power for the output drivers. It is not connected internally to the VDD supply rail.
12
PVDD
I
The bypass capacitor for this pin should be returned to PGND.
Supply input pin to power the driver. The UCD7K devices accept an input range of 4.5 V to 15 V.
13
VDD
I
Bypass the pin with at least 4.7
μF of capacitance, returned to AGND.
14
NC
-
No Connection.
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: UCD7201


Similar Part No. - UCD7201_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7201 TI1-UCD7201_13 Datasheet
938Kb / 25P
[Old version datasheet]   Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
More results

Similar Description - UCD7201_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7201 TI1-UCD7201_13 Datasheet
938Kb / 25P
[Old version datasheet]   Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7201 TI-UCD7201 Datasheet
405Kb / 20P
[Old version datasheet]   Digital Control Compatible Dual Low-Side 짰 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7100 TI1-UCD7100_12 Datasheet
813Kb / 26P
[Old version datasheet]   Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7100 TI-UCD7100_V01 Datasheet
1Mb / 30P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
NOVEMBER 2021
UCD7100 TI1-UCD7100_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7230 TI-UCD7230 Datasheet
337Kb / 19P
[Old version datasheet]   Digital Control Compatible Synchronous Buck 짹4-A Drivers with Current Sense Conditioning Amplifier
UCD7100 TI-UCD7100 Datasheet
408Kb / 22P
[Old version datasheet]   Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
UCD7100 TI1-UCD7100_17 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Control Compatible Single Low-Side 4-A MOSFET Driver with Current Sense
UCD7230 TI1-UCD7230_16 Datasheet
1Mb / 26P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
UCD7230 TI-UCD7230_07 Datasheet
957Kb / 33P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com