Electronic Components Datasheet Search |
|
OPA171-Q1 Datasheet(PDF) 7 Page - Texas Instruments |
|
OPA171-Q1 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 36 page OPA171-Q1, OPA2171-Q1, OPA4171-Q1 www.ti.com SBOS556B – JUNE 2011 – REVISED DECEMBER 2014 6.7 Typical Characteristics VS = ±18V, VCM = VS/2, RLOAD = 10kΩ connected to VS/2, and CL = 100pF, unless otherwise noted. Table 1. Characteristic Performance Measurements DESCRIPTION FIGURE Offset Voltage Production Distribution Figure 1 Offset Voltage Drift Distribution Figure 2 Offset Voltage vs Temperature Figure 3 Offset Voltage vs Common-Mode Voltage Figure 4 Offset Voltage vs Common-Mode Voltage (Upper Stage) Figure 5 Offset Voltage vs Power Supply Figure 6 IB and IOS vs Common-Mode Voltage Figure 7 Input Bias Current vs Temperature Figure 8 Output Voltage Swing vs Output Current (Maximum Supply) Figure 9 CMRR and PSRR vs Frequency (Referred-to Input) Figure 10 CMRR vs Temperature Figure 11 PSRR vs Temperature Figure 12 0.1Hz to 10Hz Noise Figure 13 Input Voltage Noise Spectral Density vs Frequency Figure 14 THD+N Ratio vs Frequency Figure 15 THD+N vs Output Amplitude Figure 16 Quiescent Current vs Temperature Figure 17 Quiescent Current vs Supply Voltage Figure 18 Open-Loop Gain and Phase vs Frequency Figure 19 Closed-Loop Gain vs Frequency Figure 20 Open-Loop Gain vs Temperature Figure 21 Open-Loop Output Impedance vs Frequency Figure 22 Small-Signal Overshoot vs Capacitive Load (100-mV Output Step) Figure 23, Figure 24 No Phase Reversal Figure 25 Positive Overload Recovery Figure 26 Negative Overload Recovery Figure 27 Small-Signal Step Response (100 mV) Figure 28, Figure 29 Large-Signal Step Response Figure 30, Figure 31 Large-Signal Settling Time (10-V Positive Step) Figure 32 Large-Signal Settling Time (10-V Negative Step) Figure 33 Short-Circuit Current vs Temperature Figure 34 Maximum Output Voltage vs Frequency Figure 35 Channel Separation vs Frequency Figure 36 Copyright © 2011–2014, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: OPA171-Q1 OPA2171-Q1 OPA4171-Q1 |
Similar Part No. - OPA171-Q1_15 |
|
Similar Description - OPA171-Q1_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |