Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1622 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1622
Description  OPA1622 SoundPlus??High-Fidelity, Bipolar-Input, Audio Operational Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1622 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA1622 Datasheet HTML 7Page - Texas Instruments OPA1622 Datasheet HTML 8Page - Texas Instruments OPA1622 Datasheet HTML 9Page - Texas Instruments OPA1622 Datasheet HTML 10Page - Texas Instruments OPA1622 Datasheet HTML 11Page - Texas Instruments OPA1622 Datasheet HTML 12Page - Texas Instruments OPA1622 Datasheet HTML 13Page - Texas Instruments OPA1622 Datasheet HTML 14Page - Texas Instruments OPA1622 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Time (500 ms/div)
C017
V
OUT
V
IN
0.9
1
1.1
1.2
1.3
1.4
1.5
±50
±25
0
25
50
75
100
125
Temperature (ºC)
IB-
IB+
C304
Time (200 ns/div)
C017
V
OUT
V
IN
Time (200 ns/div)
C017
V
IN
V
OUT
Time (2.5 s/div)
C017
Time (2.5 s/div)
C017
OPA1622
www.ti.com
SBOS727A – NOVEMBER 2015 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, and RL = 2 kΩ (unless otherwise noted)
G = 1, 10 mV
G = 1, 10 V
Figure 25. Small-Signal Step Response
Figure 26. Large-Signal Step Response
G = –10
G = –10
Figure 27. Negative Overload Recovery
Figure 28. Positive Overload Recovery
Figure 29. No Phase Reversal
Figure 30. IB vs Temperature
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA1622


Similar Part No. - OPA1622

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1622 TI1-OPA1622 Datasheet
2Mb / 36P
[Old version datasheet]   High-Fidelity, Bipolar-Input, Audio Operational Amplifier
OPA1622IDRCR TI1-OPA1622IDRCR Datasheet
2Mb / 36P
[Old version datasheet]   High-Fidelity, Bipolar-Input, Audio Operational Amplifier
OPA1622IDRCT TI1-OPA1622IDRCT Datasheet
2Mb / 36P
[Old version datasheet]   High-Fidelity, Bipolar-Input, Audio Operational Amplifier
More results

Similar Description - OPA1622

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1622 TI1-OPA1622 Datasheet
2Mb / 36P
[Old version datasheet]   High-Fidelity, Bipolar-Input, Audio Operational Amplifier
OPA1612-Q1 TI1-OPA1612-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1612-Q1 TI-OPA1612-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   OPA1612-Q1 SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1611 TI-OPA1611_15 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
   Dual High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
[Old version datasheet]   Dual High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49740 NSC-LME49740 Datasheet
461Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com