Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA180IDGKT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA180IDGKT
Description   Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA180IDGKT Datasheet(HTML) 1 Page - Texas Instruments

  OPA180IDGKT Datasheet HTML 1Page - Texas Instruments OPA180IDGKT Datasheet HTML 2Page - Texas Instruments OPA180IDGKT Datasheet HTML 3Page - Texas Instruments OPA180IDGKT Datasheet HTML 4Page - Texas Instruments OPA180IDGKT Datasheet HTML 5Page - Texas Instruments OPA180IDGKT Datasheet HTML 6Page - Texas Instruments OPA180IDGKT Datasheet HTML 7Page - Texas Instruments OPA180IDGKT Datasheet HTML 8Page - Texas Instruments OPA180IDGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Time (1 s/div)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
OPA180, OPA2180, OPA4180
SBOS584D – NOVEMBER 2011 – REVISED MAY 2014
OPAx180 0.1-
μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V,
Zero-Drift Operational Amplifiers
1 Features
3 Description
The OPA180, OPA2180, and OPA4180 operational
1
Low Offset Voltage: 75
μV (max)
amplifiers use zero-drift techniques to simultaneously
Zero-Drift: 0.1
μV/°C
provide low offset voltage (75
μV), and near zero-drift
Low Noise: 10 nV/
√Hz
over time and temperature. These miniature, high-
precision, low quiescent current amplifiers offer high
Very Low 1 / f Noise
input impedance and rail-to-rail output swing within
Excellent DC Precision:
18 mV of the rails. The input common-mode range
PSRR: 126 dB
includes the negative rail. Either single or dual
supplies can be used in the range of 4.0 V to 36 V
CMRR: 114 dB
(±2 V to ±18 V).
Open-Loop Gain (AOL): 120 dB
The dual version is offered in VSSOP-8 and SOIC-8
Quiescent Current: 525
μA (max)
packages. The quad is offered in SOIC-14 and
Wide Supply Range: ±2 V to ±18 V
TSSOP-14 packages. All versions are specified for
Rail-to-Rail Output:
operation from –40°C to 105°C.
Input Includes Negative Rail
Device Information(1)
Low Bias Current: 250 pA (typ)
DEVICE NAME
PACKAGE
BODY SIZE (NOM)
RFI Filtered Inputs
SOT23 (5)
1.60 mm × 2.90 mm
MicroSIZE Packages
OPA180
VSSOP, MSOP (8)
3.00 mm × 3.00 mm
SOIC (8)
4.90 mm × 3.91 mm
2 Applications
VSSOP, MSOP (8)
3.00 mm × 3.00 mm
Bridge Amplifiers
OPA2180
SOIC (8)
4.90 mm × 3.91 mm
Strain Gauges
TSSOP (14)
5.00 mm × 4.40 mm
Test Equipment
OPA4180
SOIC (14)
8.65 mm × 3.91 mm
Transducer Applications
(1) For all available packages, see the orderable addendum at
Temperature Measurement
the end of the datasheet.
Electronic Scales
space
Medical Instrumentation
space
Resister Thermal Detectors
space
Precision Active Filters
Low Noise
(Peak-to-Peak Noise = 250 nV)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA180IDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA180 TI-OPA180 Datasheet
1Mb / 38P
[Old version datasheet]   OPAx180 0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA180 TI1-OPA180 Datasheet
1Mb / 32P
[Old version datasheet]   0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA180QDGKRQ1 TI1-OPA180QDGKRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
More results

Similar Description - OPA180IDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_17 Datasheet
1Mb / 35P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA188 TI1-OPA188 Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA187 TI1-OPA187 Datasheet
1Mb / 33P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI-OPA2180_13 Datasheet
1Mb / 27P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com