Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7226C Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC7226C
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7226C Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC7226C_15 Datasheet HTML 3Page - Texas Instruments TLC7226C_15 Datasheet HTML 4Page - Texas Instruments TLC7226C_15 Datasheet HTML 5Page - Texas Instruments TLC7226C_15 Datasheet HTML 6Page - Texas Instruments TLC7226C_15 Datasheet HTML 7Page - Texas Instruments TLC7226C_15 Datasheet HTML 8Page - Texas Instruments TLC7226C_15 Datasheet HTML 9Page - Texas Instruments TLC7226C_15 Datasheet HTML 10Page - Texas Instruments TLC7226C_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TLC7226C, TLC7226I, TLC7226M
QUADRUPLE 8BIT DIGITALTOANALOG CONVERTERS
SLAS060F − JANUARY 1995 − REVISED APRIL 2009
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
AGND bias for direct bipolar output operation
The TLC7226 can be used in bipolar operation without adding more external operational amplifiers as shown
in Figure 4 by biasing AGND to VSS. This configuration provides an excellent method for providing a direct
bipolar output with no additional components. The transfer values are shown in Table 1.
_
+
DAC A
AGND
DGND
TLC7226‡
REF (Vref = 5 V)
OUT
4
18
2
6
3
VDD
5
VSS
−5 V
Output range
(5 V to − 5 V)
‡ Digital inputs omitted for clarity.
Figure 4. AGND Bias for Direct Bipolar Operation
LSB
MSB
DAC LATCH CONTENTS
ANALOG OUTPUT
) V
ref
127
128
1111
1111
) V
ref
1
128
1000
0001
1000
0000
–V
ref
128
128
+* V
ref
0111
1111
0000
0001
* V
ref
127
128
0000
0000
0 V
Table 1. Bipolar (Offset Binary) Code
* V
ref
1
128
AGND bias for positive output offset
The TLC7226 AGND terminal can be biased above or below the system ground terminal, DGND, to provide an
offset analog output voltage level. Figure 5 shows a circuit configuration to achieve this for channel A of the
TLC7226. The output voltage, VO, at OUTA can be expressed as:
V
O +
V
BIAS )
D
A
V
I
where DA is a fractional representation of the digital input word (0 ≤ D ≤ 255/256).
(1)
Increasing AGND above system GND reduces the output range. VDD − Vref must be at least 4 V to ensure
specified operation. Since the AGND terminal is common to all four DACs, this method biases up the output
voltages of all the DACs in the TLC7226. Supply voltages VDD and VSS for the TLC7226 should be referenced
to DGND.


Similar Part No. - TLC7226C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7226CDW TI-TLC7226CDW Datasheet
601Kb / 25P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226CDW TI1-TLC7226CDW Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226CDWG4 TI-TLC7226CDWG4 Datasheet
601Kb / 25P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226CDWG4 TI1-TLC7226CDWG4 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226CDWR TI-TLC7226CDWR Datasheet
601Kb / 25P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC7226C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
218Kb / 10P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620C TI-TLV5620C Datasheet
196Kb / 14P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI1-TLC7226C Datasheet
227Kb / 18P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225 TI1-TLC7225 Datasheet
337Kb / 22P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI1-TLC5620C_08 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225C TI-TLC7225C Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com